Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN725 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # AN725
Description  ADVANCED LOW POWER TECHNIQUES FOR SiM3L1XX DEVICES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN725 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button AN725 Datasheet HTML 5Page - Silicon Laboratories AN725 Datasheet HTML 6Page - Silicon Laboratories AN725 Datasheet HTML 7Page - Silicon Laboratories AN725 Datasheet HTML 8Page - Silicon Laboratories AN725 Datasheet HTML 9Page - Silicon Laboratories AN725 Datasheet HTML 10Page - Silicon Laboratories AN725 Datasheet HTML 11Page - Silicon Laboratories AN725 Datasheet HTML 12Page - Silicon Laboratories AN725 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN725
Rev. 0.1
9
Table 2. SiM3L1xx Power Modes
Mode
Description
Mode Entrance
Mode Exit
Normal
Core operating at full speed
Code executing from flash
Power Mode 1
(PM1)
Core operating at full speed
Code executing from RAM
Execute code from RAM
Jump to code in flash
Power Mode 2
(PM2)
Core halted
AHB and APB operate at full
speed for peripherals
WFI or WFE instruction
NVIC or WIC wakeup
Power Mode 3
Fast Wake
(PM3FW)
All clocks stopped except LFOSC0
or RTC0TCLK
AHB and APB set to Low Power
Oscillator
Core clock set to LFOSC0 or
RTC0TCLK
DMACTRL0 disabled
Fast wake mode
enabled in PM3CN
AHB switched to Low
Power Oscillator
WFI or WFE instruction
Requires a wake up
source or reset defined by
the PMU
Power Mode 3
(PM3)
All clocks stopped
DMACTRL0 disabled
Clocks disabled in
PM3CN
WFI or WFE instruction
Requires a wake up
source or reset defined by
the PMU
Power Mode 4
(PM4)
Core operating at slower speed
Code executing from flash
Set the AHB clock to a
slower source
Set the AHB clock to a
faster source
Power Mode 5
(PM5)
Core operating at slower speed
Code executing from RAM
Set the AHB clock to a
slower source
Execute code from RAM
Set the AHB clock to a
faster source or jump to
code in flash
Power Mode 6
(PM6)
Core halted
AHB and APB operate at a slower
speed for peripherals
Set the AHB clock to a
slower source
WFI or WFE instruction
NVIC or WIC wakeup
Power Mode 8
(PM8)
Low power sleep
The LDO regulators are disabled
and all active circuitry operates
directly from VBAT
The following functions are
available: ACCTR0, RTC0, UART0
running from RTC0TCLK,
LPTIMER0, port match, and the
LCD controller
Register state retention
SLEEPDEEP set in the
ARM System Control
Register
WFI or WFE instruction
Requires a wake up
source or reset defined by
the PMU


Similar Part No. - AN725

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
logo
List of Unclassifed Man...
AN7254 ETC2-AN7254 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7256 PANASONIC-AN7256 Datasheet
258Kb / 4P
   FM IF Amplifier, Detector for Car Radios
AN7259 PANASONIC-AN7259 Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results

Similar Description - AN725

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
   Low power considerations for STM8TL5xxx devices
logo
ATMEL Corporation
MSP430F435 ATMEL-MSP430F435 Datasheet
330Kb / 16P
   Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
logo
Fairchild Semiconductor
AN-1025 FAIRCHILD-AN-1025 Datasheet
256Kb / 11P
   Maximum Power Enhancement Techniques for SuperSOTTM-3 Power MOSFETs
AN-1026 FAIRCHILD-AN-1026 Datasheet
223Kb / 12P
   Maximum Power Enhancement Techniques for SuperSOTTM-6 Power MOSFETs
AN-1028 FAIRCHILD-AN-1028 Datasheet
257Kb / 12P
   Maximum Power Enhancement Techniques for SOT-223 Power MOSFETs
AN-1029 FAIRCHILD-AN-1029 Datasheet
258Kb / 13P
   Maximum Power Enhancement Techniques for SO-8 Power MOSFETs
logo
ON Semiconductor
R261 ONSEMI-R261 Datasheet
236Kb / 28P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
logo
Realtek Semiconductor C...
ALC5616 REALTEK-ALC5616 Datasheet
1Mb / 104P
   Ultra-Low Power Audio CODEC for Mobile Devices
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
   Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com