Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21767-V Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PS21767-V
Description  Dual-In-Line Package Intelligent Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21767-V Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PS21767-V Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21767-V Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21767-V
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
7
MCU
10k
UP,VP,WP,UN,VN,WN
VNC(Logic)
Fo
DIP-IPM
5V line
[C] Under-Voltage Protection (Upper-arm, UVDB)
c1. Control supply voltage rises : After the voltage level reaches UVDBr, the circuits start to operate.
c2. Protection circuit state reset : IGBT ON and carrying current.
c3. Normal operation : IGBT ON and carrying current.
c4. Under-voltage trip (UVDBt).
c5. IGBT OFF inspite of control input condition, but there is no FO signal output.
c6. Under-voltage reset (UVDBr).
c7. Normal operation : IGBT ON and carrying current.
Fig. 5 RECOMMENDED MCU I/O INTERFACE CIRCUIT
Note : RC coupling at each input (parts shown dotted) may change depending on the PWM control scheme used in
the application and the wiring impedance of the application’s printed circuit board.
The DIP-IPM input signal section integrates a 2.5k
Ω(min) pull-down resistor. Therefore, when using a external
filtering resistor, care must be taken to satisfy the turn-on threshold voltage requirement.
Fig. 6 RECOMMENDED WIRING AROUND THE SHUNT RESISTOR
Control input
Protection circuit state
Control supply voltage VDB
Output current Ic
Fault output Fo
High-level (no fault output)
UVDBr
RESET
SET
RESET
UVDBt
c1
c3
c4
c5
c6
c7
c2
NW
VNC
NV
NU
DIP-IPM
The GND wiring from VNO, VNC should be
as close to the shunt resistors as possible
VNO
Each wiring inductance should be less than 10nH
Shunt resistor
Equivalent to the inductance of a copper
pattern in dimension of width=3mm,
thickness=100
µm, length=17mm


Similar Part No. - PS21767-V

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21767 POWEREX-PS21767 Datasheet
760Kb / 9P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results

Similar Description - PS21767-V

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com