Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T8512TM Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXK5T8512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T8512TM Datasheet(HTML) 1 Page - Sony Corporation

  CXK5T8512TM Datasheet HTML 1Page - Sony Corporation CXK5T8512TM Datasheet HTML 2Page - Sony Corporation CXK5T8512TM Datasheet HTML 3Page - Sony Corporation CXK5T8512TM Datasheet HTML 4Page - Sony Corporation CXK5T8512TM Datasheet HTML 5Page - Sony Corporation CXK5T8512TM Datasheet HTML 6Page - Sony Corporation CXK5T8512TM Datasheet HTML 7Page - Sony Corporation CXK5T8512TM Datasheet HTML 8Page - Sony Corporation CXK5T8512TM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
– 1 –
CXK5T8512TM/TN -10LLX/12LLX
PE96727-PS
65536-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK5T8512TM/TN is a high speed CMOS
static RAM organized as 65536-words by 8-bits.
Special feature are low power consumption and
high speed.
The CXK5T8512TM/TN is a suitable RAM for
portable equipment with battery back up.
Features
• Extended operating temperature range:
–25 to +85°C
• Wide supply voltage range operation: 2.7 to 3.6V
• Fast access time:
(Access time)
3.0V operation
CXK5T8512TM/TN-10LLX 100ns (Max.)
CXK5T8512TM/TN-12LLX 120ns (Max.)
3.3V operation
CXK5T8512TM/TN-10LLX
85ns (Max.)
CXK5T8512TM/TN-12LLX 100ns (Max.)
• Low standby current:
14µA (Max.)
• Low data retention current: 12µA (Max.)
• Low power data retention:
2.0V
(Min.)
• Package line-up
CXK5T8512TM
8mm
× 20mm 32 pin TSOP package
CXK5T8512TN
8mm
× 13.4mm 32 pin TSOP package
Function
65536-word
× 8-bit static RAM
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
VCC
GND
CE1
CE2
Row
Decoder
Buffer
Buffer
I/O Buffer
A15
A13
A8
A11
A9
A7
A6
A5
A14
A12
A4
A3
A10
A0
A1
OE
WE
Buffer
I/O Gate
Column
Decoder
Memory
Matrix
1024
× 512
A2
I/O1
I/O8
Block Diagram
CXK5T8512TM
32 pin TSOP (Plastic)
CXK5T8512TN
32 pin TSOP (Plastic)
Preliminary
For the availability of this product, please contact the sales office.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn