Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T8512TM Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXK5T8512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T8512TM Datasheet(HTML) 4 Page - Sony Corporation

  CXK5T8512TM Datasheet HTML 1Page - Sony Corporation CXK5T8512TM Datasheet HTML 2Page - Sony Corporation CXK5T8512TM Datasheet HTML 3Page - Sony Corporation CXK5T8512TM Datasheet HTML 4Page - Sony Corporation CXK5T8512TM Datasheet HTML 5Page - Sony Corporation CXK5T8512TM Datasheet HTML 6Page - Sony Corporation CXK5T8512TM Datasheet HTML 7Page - Sony Corporation CXK5T8512TM Datasheet HTML 8Page - Sony Corporation CXK5T8512TM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
– 4 –
CXK5T8512TM/TN
Input capacitance
I/O capacitance
Item
Symbol Test conditions
Min.
Typ.
Max.
Unit
CIN
CI/O
8
10
pF
pF
VIN = 0V
VI/O = 0V
AC Characteristics
• AC test conditions
(Ta = –25 to +85°C)
I/O capacitance
(Ta = 25°C, f = 1MHz)
Note) This parameter is sampled and is not 100% tested.
TTL
CL
• Test circuit
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
-10LLX
Output load conditions
-12LLX
VIH = 2.4V
VIL = 0.4V
tr = 5ns
tf = 5ns
1.4V
CL1 = 100pF, 1TTL
CL1 = 100pF, 1TTL
Item
VCC = 2.7 to 3.6V
Conditions
VIH = 2.2V
VIL = 0.6V
tr = 5ns
tf = 5ns
1.4V
CL1 = 30pF, 1TTL
CL1 = 100pF, 1TTL
VCC = 3.3V ± 0.3V
1 CL includes scope and jig capacitances.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn