Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-2VB2A104K Datasheet(PDF) 5 Page - RF Micro Devices

Part # ECJ-2VB2A104K
Description  280W GaN Wideband Pulsed Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ECJ-2VB2A104K Datasheet(HTML) 5 Page - RF Micro Devices

  ECJ-2VB2A104K Datasheet HTML 1Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 2Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 3Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 4Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 5Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 6Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 7Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 8Page - RF Micro Devices ECJ-2VB2A104K Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFHA1025
DS120928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture
(T = 25°C, unless noted)
25
30
35
40
45
50
55
60
65
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
53
54
55
P
OUT , Output Power(dBm)
Gain/Efficiency versus P
OUT, Freq = 1100MHz
(Pulsed 10% duty cycle, PW = 100μS, V
D = 50V, IDQ = 440mA)
Gain
Drain Eff
40
45
50
55
60
65
70
250
275
300
325
350
375
400
10
100
1000
Pulse Width (μsec)
P
OUT/DEversus Pulse Width, Freq = 1100MHz
(Pulsed 10% duty cycle, V
D =50V, IDQ = 440mA)
Output Power
Drain Eff
40
45
50
55
60
65
70
225
250
275
300
325
350
375
10
15
20
25
30
35
40
45
50
Duty Cycle(%)
P
OUT/DEversus Duty Cycle, Freq = 1100MHz
(Pulsed,PW=100μS, V
D =50V, IDQ = 440mA)
Output Power
Drain Eff
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
MaximumCaseTemperature (°C)
PulsePowerDissipation DeratingCurve
(Basedon Maximum package temperature andRth)
1mS Pulse Width, 10% Duty Cycle
100 S Pulse Width, 10% Duty Cycle


Similar Part No. - ECJ-2VB2A104K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
More results

Similar Description - ECJ-2VB2A104K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com