Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STPS40L45C-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part No. STPS40L45C-Y
Description  7Automotive power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45C-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40L45C-Y Datasheet HTML 1Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 2Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 3Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 4Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 5Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 6Page - STMicroelectronics STPS40L45C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS40L45C-Y
4/7
Doc ID 023224 Rev 1
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
5
10
15
20
25
30
35
40
45
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
IR(mA)
Tj = 150 °C
Tj = 125 °C
Tj = 75 °C
Tj = 25 °C
VR(V)
1
10
100
0.1
1.0
10.0
C(nF)
F=1MHz
Tj=25°C
VR(V)
Figure 9.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
1000
VFM(V)
IFM(A)
Typical values
Tj=150°C
Tj=125°C
Tj=75°C
Tj=25°C
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(Cu)(cm²)
R
(°C/W)
th(j-a)
epoxy printed board FR4, copper thickness = 35 µm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn