Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS219B2-CS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PS219B2-CS
Description  Dual-In-Line Package Intelligent Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS219B2-CS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PS219B2-CS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS219B2-CS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
< Dual-In-Line Package Intelligent Power Module >
PS219B2-S/-AS/-CS/-ST/-AST/-CST
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : November 2011
5
MECHANICAL CHARACTERISTICS AND RATINGS
Limits
Parameter
Condition
Min.
Typ.
Max.
Unit
Mounting torque
Mounting screw : M3 (Note 8)
Recommended 0.69N・m
0.59
0.69
0.78
N・m
Terminal pulling strength
Control terminal: Load 4.9N
Power terminal: Load 9.8N
EIAJ-ED-4701
10
-
-
s
Terminal bending strength
Control terminal: Load 2.45N
Power terminal: Load 4.9N
90deg. bend
EIAJ-ED-4701
2
-
-
times
Weight
-
8.5
-
g
Heat-sink flatness
(Note 9)
-50
-
100
μm
Note 8: Plain washers (ISO 7089~7094) are recommended.
Note 9: Measurement point of heat sink flatness
RECOMMENDED OPERATION CONDITIONS
Limits
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
Applied between P-NU, NV, NW
0
300
400
V
VD
Control supply voltage
Applied between VP1-VPC, VN1-VNC
13.5
15.0
16.5
V
VDB
Control supply voltage
Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
13.0
15.0
18.5
V
ΔVD, ΔVDB Control supply variation
-1
-
+1
V/μs
tdead
Arm shoot-through blocking time
For each input signal
1.0
-
-
μs
fPWM
PWM input frequency
TC ≤ 100°C, Tj ≤ 125°C
-
-
20
kHz
f
PWM= 5kHz
-
-
2.5
IO
Allowable r.m.s. current
VCC = 300V, VD = 15V, P.F = 0.8,
Sinusoidal PWM
TC ≤ 100°C, Tj ≤ 125°C
(Note10)
f
PWM= 15kHz
-
-
1.5
Arms
PWIN(on)
0.7
-
-
PWIN(off)
Minimum input pulse width
(Note 11)
0.7
-
-
μs
VNC
VNC variation
Between VNC-NU, NV, NW (including surge)
-5.0
-
+5.0
V
Tj
Junction temperature
-20
-
+125
°C
Note 10: Allowable r.m.s. current depends on the actual application conditions.
11: DIPIPM might not make response if the input signal pulse width is less than PWIN(on), PWIN(off).
4.6mm
-
+
Heat sink side
Heat sink side
Measurement position
17.5mm
+ -


Similar Part No. - PS219B2-CS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results

Similar Description - PS219B2-CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com