Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA1025TR13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFHA1025TR13
Description  280W GaN Wideband Pulsed Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1025TR13 Datasheet(HTML) 4 Page - RF Micro Devices

  RFHA1025TR13 Datasheet HTML 1Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 2Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 3Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 4Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 5Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 6Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 7Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 8Page - RF Micro Devices RFHA1025TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RFHA1025
DS120928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture
(T = 25°C, unless noted)
13
14
15
16
17
18
19
20
47
49
51
53
55
Output Power (dBm)
Gainversus Output Power (f=1100MHz)
(Pulsed10% duty cycle, PW=100
, V
D = 50V,
I
DQ = 440mA)
Gain 85°C
Gain 25°C
Gain 40°C
10
20
30
40
50
60
70
45
47
49
51
53
55
Output Power (dBm)
Efficiency versus Output Power(f = 1100MHz)
(Pulsed10% duty cycle,PW= 100μS, V
D = 50V, IDQ = 440mA)
Eff 85°C
Eff 25°C
Eff 40°C
20
18
16
14
12
10
8
6
4
47
49
51
53
55
Output Power (dBm)
Input Return Lossversus Output Power (f= 1100MHz)
(Pulsed 10% duty cycle, PW = 100μS, V
D = 50V, IDQ = 440mA)
IRL 85°C
IRL 25°C
IRL 40°C
19
17
15
13
11
9
7
13
14
15
16
17
18
19
950
1000
1050
1100
1150
1200
1250
Frequency (MHz)
Small Signal Performance versus Frequency, P
OUT = 45dBm
(Pulsed 10% duty cycle, PW= 100μ , V
D =50V, IDQ =440mA)
Gain
IRL
Fixed tuned test circuit
14
13
12
11
10
9
8
7
6
12
13
14
15
16
17
18
19
20
950
1000
1050
1100
1150
1200
1250
Frequency (MHz)
Gain/IRL versus Frequency, P
OUT =54.5dBm
(Pulsed 10% duty cycle,PW=100
, V
D =50V, IDQ =440mA)
Gain
IRL
Fixed tuned test circuit
45
47
49
51
53
55
57
59
61
63
65
950
100010501100
115012001250
Frequency (MHz)
DrainEfficiency versus Frequency, P
OUT = 54.5dBm
(Pulsed 10% duty cycle, PW = 100μS, V
D =50V, IDQ = 440mA)
Eff
Fixed tuned test circuit


Similar Part No. - RFHA1025TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1025TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com