Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS40L15C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS40L15C
Description  Low drop OR-ing power Schottky diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS40L15C_11 Datasheet HTML 1Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 2Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 3Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 4Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 5Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 6Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 7Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS40L15C
Package information
Doc ID 4926 Rev 6
5/8
2
Package information
Epoxy meets UL94,V0
Cooling method: by conduction (C)
Recommended torque values for: TO-220AB 0.4 to 0.6 N·m
Recommended torque values for: TO-247 0.9 to 1.2 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
TO-220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.106
D
2.40
2.72
0.094
0.009
E
0.49
0.70
0.019
0.037
F
0.61
0.88
0.024
0.067
F1
1.14
1.70
0.044
0.024
F2
1.14
1.70
0.044
0.054
G
4.95
5.15
0.194
0.368
G1
2.40
2.70
0.094
0.409
H2
10
10.40
0.393
0.208
L2
16.4 typ
0.645 typ
L4
13
14
0.511
0.055
L5
2.65
2.95
0.104
0.069
L6
15.25
15.75
0.600
0.126
L7
6.20
6.60
0.244
L9
3.50
3.93
0.137
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M


Similar Part No. - STPS40L15C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
International Rectifier
STPS40L15CT IRF-STPS40L15CT Datasheet
187Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS40L15CT VISHAY-STPS40L15CT Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 22-Aug-08
STPS40L15CT VISHAY-STPS40L15CT Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 03-Sep-08
logo
STMicroelectronics
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
83Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
More results

Similar Description - STPS40L15C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
July 2011 Rev 6
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
   OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com