Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5B81020TM Datasheet(PDF) 3 Page - Sony Corporation

Part # CXK5B81020TM
Description  131072-word8-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B81020TM Datasheet(HTML) 3 Page - Sony Corporation

  CXK5B81020TM Datasheet HTML 1Page - Sony Corporation CXK5B81020TM Datasheet HTML 2Page - Sony Corporation CXK5B81020TM Datasheet HTML 3Page - Sony Corporation CXK5B81020TM Datasheet HTML 4Page - Sony Corporation CXK5B81020TM Datasheet HTML 5Page - Sony Corporation CXK5B81020TM Datasheet HTML 6Page - Sony Corporation CXK5B81020TM Datasheet HTML 7Page - Sony Corporation CXK5B81020TM Datasheet HTML 8Page - Sony Corporation CXK5B81020TM Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXK5B81020J/TM
I/O
Zo = 50
RL = 50
VL = 1.4V
I/O
3.3V
1179
868
5pF
2
Output load (1)
Output Load (2)
1
∗1. tLZ, tOLZ, tHZ, tOHZ, tOW, tWHZ
∗2. Including scope and jig capacitances
Fig. 1
Electrical Characteristics
DC Characteristics
(Vcc = 3.3V ± 0.3V, GND = 0V, Ta = 0 to +70°C)
∗ Vcc = 3.3V, Ta = 25°C
I/O Capacitance
(Ta = 25°C, f = 1MHz)
Note) This parameter is sampled and is not 100% tested.
AC Characteristics
• AC test condition (Vcc = 3.3V ± 0.3V, Ta = 0 to +75°C)
Input leakage current
Output leakage current
Average operating current
Standby current
Output high voltage
Output low voltage
ILI
ILO
ICC
ISB1
ISB2
VOH
VOL
VIN = GND to VCC
CE = VIH or
OE = VIH or
WE = VIL
VI/O = GND to VCC
Cycle: Min.
Duty = 100%
IOUT = 0mA
CE = VIL
VIN = VIH or VIL
CE
≥ VCC – 0.2V
VIN
≥ VCC – 0.2V or
VIN
≤ 0.2V
Cycle: Min.
Duty = 100%
CE = VIH
VIN = VIH or VIL
IOH = –2.0mA
IOL = 2.0mA
–10
–10
2.4
Item
Symbol
Conditions
Min.
Typ.∗
Max
Unit
Input capacitance
I/O capacitance
Item
Symbol
Conditions
Min.
Typ.
Max
Unit
CIN
CI/O
5
7
pF
pF
VIN = 0V
VI/O = 0V
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
Output load conditions
VIH = 3.0V
VIL = 0.0V
tr = 2ns
tf = 2ns
1.4V
Fig. 1
Item
Condition
+10
+10
240
10
100
0.4
µA
µA
mA
mA
mA
V
V


Similar Part No. - CXK5B81020TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120J-12 SONY-CXK5B16120J-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120TM-12 SONY-CXK5B16120TM-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B81020TM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6208H HITACHI-HM6208H Datasheet
64Kb / 11P
   65,536-word 쨈 4-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com