Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA1020TR13 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFHA1020TR13
Description  280W GaN WIDE-BAND PULSED POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1020TR13 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFHA1020TR13 Datasheet HTML 2Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 3Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 4Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 5Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 6Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 7Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 8Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 9Page - RF Micro Devices RFHA1020TR13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
RFHA1020
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Device Handling/Environmental Conditions
GaN HEMT devices are ESD sensitive materials. Please use proper ESD precautions when handling devices or
evaluation boards.
GaN HEMT Capacitances
The physical structure of the GaN HEMT results in three terminal capacitors similar to other FET technologies.
These capacitances exist across all three terminals of the device. The physical manufactured characteristics of
the device determine the value of the CDS (drain to source), CGS (gate to source) and CGD (gate to drain). These
capacitances change value as the terminal voltages are varied. RFMD presents the three terminal capacitances
measured with the gate pinched off (VGS = -8V) and zero volts applied to the drain. During the measurement pro-
cess, the parasitic capacitances of the package that holds the amplifier is removed through a calibration step.
Any internal matching is included in the terminal capacitance measurements. The capacitance values presented
in the typical characteristics table of the device represent the measured input (CISS), output (COSS), and reverse
(CRSS) capacitance at the stated bias voltages. The relationship to three terminal capacitances is as follows:
CISS = CGD + CGS
COSS = CGD + CDS
CRSS = CGD
DC Bias
The GaN HEMT device is a depletion mode high electron mobility transistor (HEMT). At zero volts VGS the drain of
the device is saturated and uncontrolled drain current will destroy the transistor. The gate voltage must be taken
to a potential lower than the source voltage to pinch off the device prior to applying the drain voltage, taking care
not to exceed the gate voltage maximum limits. RFMD recommends applying VGS = -5V before applying any VDS.
RF Power transistor performance capabilities are determined by the applied quiescent drain current. This drain
current can be adjusted to trade off power, linearity, and efficiency characteristics of the device. The recom-
mended quiescent drain current (IDQ) shown in the RF typical performance table is chosen to best represent the
operational characteristics for this device, considering manufacturing variations and expected performance. The
user may choose alternate conditions for biasing this device based on performance tradeoffs.
Mounting and Thermal Considerations
The thermal resistance provided as RTH (junction to case) represents only the packaged device thermal charac-
teristics. This is measured using IR microscopy capturing the device under test temperature at the hottest spot of
the die. At the same time, the package temperature is measured using a thermocouple touching the backside of
the die embedded in the device heatsink but sized to prevent the measurement system from impacting the
results. Knowing the dissipated power at the time of the measurement, the thermal resistance is calculated.
In order to achieve the advertised MTTF, proper heat removal must be considered to maintain the junction at or
below the maximum of 200°C. Proper thermal design includes consideration of ambient temperature and the
thermal resistance from ambient to the back of the package including heatsinking systems and air flow mecha-
nisms. Incorporating the dissipated DC power, it is possible to calculate the junction temperature of the device.


Similar Part No. - RFHA1020TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RFHA1023PCBA-410 RFMD-RFHA1023PCBA-410 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
More results

Similar Description - RFHA1020TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com