Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC800A1R0BT Datasheet(PDF) 4 Page - RF Micro Devices

Part # ATC800A1R0BT
Description  90W GaN WIDE-BAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ATC800A1R0BT Datasheet(HTML) 4 Page - RF Micro Devices

  ATC800A1R0BT Datasheet HTML 1Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 2Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 3Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 4Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 5Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 6Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 7Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 8Page - RF Micro Devices ATC800A1R0BT Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard 2.14GHz Tuned Test Fixture
(CW, T = 25°C, unless otherwise noted)
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
5
6
7
8
9
10
11
12
13
14
15
2110
2120
2130
2140
2150
2160
2170
2180
Frequency (MHz)
Gain/IRL vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit
50
52
54
56
58
60
62
64
66
68
70
2100
2110
2120
2130
2140
2150
2160
2170
2180
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Eff
Fixed tuned test circuit
10
11
12
13
14
15
16
17
18
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Gain vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Gain -40C
Gain 25C
Gain 85C
5
10
15
20
25
30
35
40
45
50
55
60
65
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Efficiency vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Eff -40C
Eff 25C
Eff 85C
-16
-14
-12
-10
-8
-6
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Input Return Loss vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
IRL -40C
IRL 25C
IRL 85C
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
6
7
8
9
10
11
12
13
14
15
16
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit


Similar Part No. - ATC800A1R0BT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ATC800A1R0BT RFMD-ATC800A1R0BT Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800A1R0BT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
   25W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
   25W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com