Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC800A0R5BT Datasheet(PDF) 11 Page - RF Micro Devices

Part # ATC800A0R5BT
Description  90W GaN WIDE-BAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ATC800A0R5BT Datasheet(HTML) 11 Page - RF Micro Devices

Back Button ATC800A0R5BT Datasheet HTML 6Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 7Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 8Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 9Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 10Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 11Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 12Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 13Page - RF Micro Devices ATC800A0R5BT Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2.14GHz Evaluation Board Layout
Device Impedances
Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency, peak power,
and linear performance across the entire frequency bandwidth.
Frequency
Z Source (
)
Z Load (

2110MHz
2.05 - j3.67
4.8 - j0.08
2140MHz
1.92 - j3.44
4.82 + j0.45
2170MHz
1.88 - j3.11
4.83 + j1.05


Similar Part No. - ATC800A0R5BT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ATC800A0R2BT RFMD-ATC800A0R2BT Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
ATC800A0R3BT RFMD-ATC800A0R3BT Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
ATC800A0R7BT RFMD-ATC800A0R7BT Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ATC800A0R8BT RFMD-ATC800A0R8BT Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800A0R5BT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
   25W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
   25W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com