Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3933PCK-411 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3933PCK-411
Description  90W GaN WIDE-BAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933PCK-411 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3933PCK-411 Datasheet HTML 1Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 2Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 3Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 4Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 5Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 6Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 7Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 8Page - RF Micro Devices RF3933PCK-411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RF IN
VGQ
Pin 1 (CUT)
RF OUT
VDQ
Pin 2
GND
BASE
RF3933
90W GaN WIDE-BAND POWER AMPLIFIER
The RF3933 is a 48V, 90W high power discrete amplifier designed for commercial
wireless infrastructure, cellular and WiMAX infrastructure, industrial/scien-
tific/medical and general purpose broadband amplifier applications. Using an
advanced high power density Gallium Nitride (GaN) semiconductor process, these
high-performance amplifiers achieve high efficiency and flat gain over a broad fre-
quency range in a single amplifier design. The RF3933 is an unmatched GaN tran-
sistor packaged in a hermetic, flanged ceramic package. This package provides
excellent thermal stability through the use of advanced heat sink and power dissi-
pation technologies. Ease of integration is accomplished through the incorporation
of simple, optimized matching networks external to the package that provide wide-
band gain and power performance in a single amplifier.
Features
Broadband Operation DC to
3.5GHz
Advanced GaN HEMT
Technology
Advanced Heat Sink
Technology
Small Signal Gain = 21dB at
0.9GHz
48V Operation Typical
Performance:
• Output Power 90W at P3dB
• Drain Efficiency 75% at P3dB
• -40°C to 85°C Operation
Applications
Commercial Wireless
Infrastructure
Cellular and WiMAX
Infrastructure
Civilian and Military Radar
General Purpose Broadband
Amplifiers
Public Mobile Radios
Industrial, Scientific and
Medical
RF3933S2
2-piece sample bag
RF3933SB
5-piece bag
RF3933SQ
25-piece bag
RF3933SR
100 pieces on 7” short reel
RF3933TR7
750 pieces on 7” reel
RF3933PCK-411
Fully assembled evaluation board optimized for
2.14GHz; 48V
DS120306
Package: Hermetic 2-Pin Flanged Ceramic


Similar Part No. - RF3933PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933D RFMD-RF3933D Datasheet
870Kb / 9P
   90W GaN on SiC Power Amplifier Die
More results

Similar Description - RF3933PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
   25W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
   25W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com