Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T16100TM- Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK5T16100TM-
Description  65536-word x 16-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T16100TM- Datasheet(HTML) 2 Page - Sony Corporation

  CXK5T16100TM- Datasheet HTML 1Page - Sony Corporation CXK5T16100TM- Datasheet HTML 2Page - Sony Corporation CXK5T16100TM- Datasheet HTML 3Page - Sony Corporation CXK5T16100TM- Datasheet HTML 4Page - Sony Corporation CXK5T16100TM- Datasheet HTML 5Page - Sony Corporation CXK5T16100TM- Datasheet HTML 6Page - Sony Corporation CXK5T16100TM- Datasheet HTML 7Page - Sony Corporation CXK5T16100TM- Datasheet HTML 8Page - Sony Corporation CXK5T16100TM- Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
– 2 –
CXK5T16100TM
A4 1
A3 2
A2 3
A1 4
A0 5
CE 6
I/O1 7
I/O2 8
I/O3 9
I/O4 10
Vcc 11
GND 12
I/O5 13
I/O6 14
I/O7 15
I/O8 16
WE 17
A15 18
A14 19
A13 20
A12 21
NC 22
A5
44
A6
43
A7
42
OE
41
UB
40
LB
39
I/O16
38
I/O15
37
I/O14
36
I/O13
35
GND
34
Vcc
33
I/O12
32
I/O11
31
I/O10
30
I/O9
29
NC
28
A8
27
A9
26
A10
25
A11
24
NC
23
Address input
Data input/output
Chip enable input
Byte enable input (I/O1 to I/O8)
Byte enable input (I/O9 to I/O16)
Write enable input
Output enable input
Power supply
Ground
No connection
A0 to A15
I/O1 to I/O16
CE
LB
UB
WE
OE
VCC
GND
NC
Symbol
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
0.7
–25 to +85
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
H
L
L
L
L
×
L
×
H
×
×
H
L
H
×
Not selected
Read
Read
High-Z
Write
Write
Not Write/Hi-Z
High-Z
High-Z
Not selected
Read
High-Z
Read
Write
Not Write/Hi-Z
Write
High-Z
High-Z
CE
×
L
L
H
L
L
H
×
H
×
L
H
L
L
H
L
×
H
OE
WE
LB
UB
I/O1 to I/O8
I/O9 to I/O16
Vcc Current
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
1 V
IN
, VI/O = –3.0V Min. for pulse width less than 50ns.
Truth Table
×: “H” or “L”
Pin Description
Pin Configuration (Top View)
Description
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn