Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5B81020J Datasheet(PDF) 4 Page - Sony Corporation

Part # CXK5B81020J
Description  131072-word8-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B81020J Datasheet(HTML) 4 Page - Sony Corporation

  CXK5B81020J Datasheet HTML 1Page - Sony Corporation CXK5B81020J Datasheet HTML 2Page - Sony Corporation CXK5B81020J Datasheet HTML 3Page - Sony Corporation CXK5B81020J Datasheet HTML 4Page - Sony Corporation CXK5B81020J Datasheet HTML 5Page - Sony Corporation CXK5B81020J Datasheet HTML 6Page - Sony Corporation CXK5B81020J Datasheet HTML 7Page - Sony Corporation CXK5B81020J Datasheet HTML 8Page - Sony Corporation CXK5B81020J Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXK5B81020J/TM
• Read cycle
∗ Transition is measured ±200mV from steady voltage with specified loading in Fig. 1 1-(2).
This parameter is sampled and is not 100% tested.
• Write cycle
∗ Transition is measured ±200mV from steady voltage with specified loading in Fig. 1 1-(2).
This parameter is sampled and is not 100% tested.
tRC
tAA
tCO
tOE
tOH
tLZ
tOLZ
tHZ
tOHZ
12
3
3
0
0
0
12
12
6
6
6
ns
ns
ns
ns
ns
ns
ns
ns
ns
Read cycle time
Address access time
Chip enable access time
Output enable to output valid
Output data hold time
Chip enable to output in low Z (CE)
Output enable to output in low Z (OE)
Chip disable to output in high Z (CE)
Output disable to output in high Z (OE)
Item
Symbol
Unit
-12
Min.
Max.
tWC
tAW
tCW
tDW
tDH
tWP
tAS
tWR
tOW
tWHZ
12
10
10
8
0
10
0
0
4
0
6
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write cycle time
Address valid to end of write
Chip enable to end of write
Data valid to end of write
Data hold from end of write
Write pulse width
Address set up time
Write recovery time
Output active from lend of write
Write to output in high Z
Item
Symbol
Unit
-12
Min.
Max.


Similar Part No. - CXK5B81020J

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120J-12 SONY-CXK5B16120J-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120TM-12 SONY-CXK5B16120TM-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B81020J

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6208H HITACHI-HM6208H Datasheet
64Kb / 11P
   65,536-word 쨈 4-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com