Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3928BSR Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3928BSR
Description  380W GaN WIDEBAND PULSED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928BSR Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3928BSR Datasheet HTML 3Page - RF Micro Devices RF3928BSR Datasheet HTML 4Page - RF Micro Devices RF3928BSR Datasheet HTML 5Page - RF Micro Devices RF3928BSR Datasheet HTML 6Page - RF Micro Devices RF3928BSR Datasheet HTML 7Page - RF Micro Devices RF3928BSR Datasheet HTML 8Page - RF Micro Devices RF3928BSR Datasheet HTML 9Page - RF Micro Devices RF3928BSR Datasheet HTML 10Page - RF Micro Devices RF3928BSR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Frequency (MHz)
Z Source (
)
Z Load (
)
2800
60.4 – j0.5
42.1 – j30.5
3000
51.9 – j13.5
33.8 – j25.7
3200
44.1 – j16.5
29.5 – j8.9
3400
38.3 – j16.7
17.0 – j9.0
NOTE: Device impedances reported are the measured evaluation board impedances chosen for a trade off of peak power, peak efficiency and
gain performance across the entire frequency bandwidth.


Similar Part No. - RF3928BSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RF3928PCBA-410 RFMD-RF3928PCBA-410 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RF3928S2 RFMD-RF3928S2 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RF3928SB RFMD-RF3928SB Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RF3928SQ RFMD-RF3928SQ Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
More results

Similar Description - RF3928BSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com