Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B41020TM- Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXK5B41020TM-
Description  262144-word x 4-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B41020TM- Datasheet(HTML) 4 Page - Sony Corporation

  CXK5B41020TM- Datasheet HTML 1Page - Sony Corporation CXK5B41020TM- Datasheet HTML 2Page - Sony Corporation CXK5B41020TM- Datasheet HTML 3Page - Sony Corporation CXK5B41020TM- Datasheet HTML 4Page - Sony Corporation CXK5B41020TM- Datasheet HTML 5Page - Sony Corporation CXK5B41020TM- Datasheet HTML 6Page - Sony Corporation CXK5B41020TM- Datasheet HTML 7Page - Sony Corporation CXK5B41020TM- Datasheet HTML 8Page - Sony Corporation CXK5B41020TM- Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXK5B41020TM
• Read cycle
∗ Transition is measured ±200mV from steady voltage with specified loading in Fig. 1 1-(2).
This parameter is sampled and is not 100% tested.
• Write cycle
∗ Transition is measured ±200mV from steady voltage with specified loading in Fig. 1 1-(2).
This parameter is sampled and is not 100% tested.
tRC
tAA
tCO
tOE
tOH
tLZ
tOLZ
tHZ
tOHZ
12
3
3
0
0
0
12
12
6
6
6
ns
ns
ns
ns
ns
ns
ns
ns
ns
Read cycle time
Address access time
Chip enable access time
Output enable to output valid
Output data hold time
Chip enable to output in low Z (CE)
Output enable to output in low Z (OE)
Chip disable to output in high Z (CE)
Output disable to output in high Z (OE)
Item
Symbol
Unit
-12
Min.
Max.
tWC
tAW
tCW
tDW
tDH
tWP
tAS
tWR
tOW
tWHZ
12
10
10
8
0
10
0
0
4
0
6
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write cycle time
Address valid to end of write
Chip enable to end of write
Data valid to end of write
Data hold from end of write
Write pulse width
Address set up time
Write recovery time
Output active from lend of write
Write to output in high Z
Item
Symbol
Unit
-12
Min.
Max.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn