Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B41020TM- Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK5B41020TM-
Description  262144-word x 4-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B41020TM- Datasheet(HTML) 2 Page - Sony Corporation

  CXK5B41020TM- Datasheet HTML 1Page - Sony Corporation CXK5B41020TM- Datasheet HTML 2Page - Sony Corporation CXK5B41020TM- Datasheet HTML 3Page - Sony Corporation CXK5B41020TM- Datasheet HTML 4Page - Sony Corporation CXK5B41020TM- Datasheet HTML 5Page - Sony Corporation CXK5B41020TM- Datasheet HTML 6Page - Sony Corporation CXK5B41020TM- Datasheet HTML 7Page - Sony Corporation CXK5B41020TM- Datasheet HTML 8Page - Sony Corporation CXK5B41020TM- Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
– 2 –
CXK5B41020TM
Absolute Maximum Ratings
(Ta = 25°C, GND=0V)
∗1 Vcc, V
IN
, VI/O = –2.0V Min. for pulse width less than 5ns.
∗2 Air flow ≥ 1m/s.
Truth Table
×: "H" or "L"
Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
VIL=–2.0V Min. for pulse width less than 5ns.
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5∗1 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
1.5∗2
0 to +70
–55 to +150
235 • 10
V
V
V
W
°C
°C
°C • sec
Item
Symbol
Rating
Unit
H
L
L
L
×
L
×
H
×
H
L
H
Not selected
Read
Write
Output disable
High Z
Data out
Data in
High Z
ISB1, ISB2
ICC
ICC
ICC
CE
OE
WE
Mode
I/O1 to I/O4
Current
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
3.0
2.0
–0.3∗
3.3
3.6
VCC + 0.3
0.8
V
V
V
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipaiton
Operating temperature
Storage temperature
Soldering temperature • time


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn