Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM600DV1A060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM600DV1A060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM600DV1A060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM600DV1A060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM600DV1A060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MITSUBISHI <INTELLIGENT POWER MODULES>
PM600DV1A060
FLAT-BASE TYPE
INSULATED PACKAGE
November. 2011
TOTAL SYSTEM
Symbol
Parameter
Conditions
Ratings
Unit
VCC(PROT)
Supply Voltage Protected by
SC
VD =13.5V ~ 16.5V
Inverter Part, Tj =+125°C Start
400
V
VCC(surge)
Supply Voltage (Surge)
Applied between : C1-E2, Surge value
500
V
TC
Module case operating
temperature
-20 ~ +100
°C
Tstg
Storage Temperature
-40 ~ +125
°C
Visol
Isolation Voltage
60Hz, Sinusoidal, Charged part to Base plate,
AC 1min, RMS
2500
V
*: TC measurement point is just under the chip.
THERMAL RESISTANCE
Limits
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rth(j-c)Q
Junction to case, IGBT (per 1 element)
(Note.1)
-
-
0.073
Rth(j-c)D
Thermal Resistance
Junction to case, FWDi (per 1 element)
(Note.1)
-
-
0.109
Rth(c-s)
Contact Thermal Resistance
Case to heat sink, (per 1 module)
Thermal grease applied
(Note.1)
-
0.018
-
K/W
Note1: If you use this value, Rth(s-a) should be measured just under the chips.
ELECTRICAL CHARACTERISTICS
(Tj = 25°C, unless otherwise noted)
INVERTER PART
Limits
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Tj=25°C
-
1.90
2.35
VCEsat
Collector-Emitter Saturation
Voltage
VD=15V, IC=600A
VCIN=0V, Pulsed
(Fig. 1)
Tj=125°C
-
1.90
2.35
V
VEC
Emitter-Collector Voltage
IE=600A, VD=15V, VCIN= 15V
(Fig. 2)
-
1.7
2.8
V
ton
0.3
0.8
2.0
trr
-
0.4
0.8
tc(on)
-
0.4
1.0
toff
-
1.0
2.3
tc(off)
Switching Time
VD=15V, VCIN=0V←
→15V
VCC=300V, IC=600A
Tj=125°C
Inductive Load
(Fig. 3,4)
-
0.3
1.0
s
Tj=25°C
-
-
1
ICES
Collector-Emitter Cut-off
Current
VCE=VCES, VD=15V , VCIN=15V (Fig. 5)
Tj=125°C
-
-
10
mA


Similar Part No. - PM600DV1A060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM600DV1A060 POWEREX-PM600DV1A060 Datasheet
482Kb / 6P
   Single Phase IGBT Inverter Output 600 Amperes/600 Volts
More results

Similar Description - PM600DV1A060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com