Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2037B-3 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2037B-3
Description  Designed for SDARS IF Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2037B-3 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2037B-3 Datasheet HTML 1Page - RF Monolithics, Inc SF2037B-3 Datasheet HTML 2Page - RF Monolithics, Inc SF2037B-3 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2037B-3-050807
Notes:
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to
50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance
matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Tape and Reel Standard ANSI / EIA 481.
7.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that
the filter must always be installed in one direction per the circuit design.
8.
US and international patents may apply.
9.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
10.
©Copyright 1999, RF Monolithics Inc.
11.
Electrostatic Sensitive Device. Observe precautions for handling.
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
76.500
MHz
Passband
Insertion Loss
IL
10.0
12.0
dB
1dB Passband
BW1
1
3.8
4.1
MHz
15dB Bandwidth
BW15
6.7
6.8
MHz
30dB Bandwidth
BW30
7.7
7.8
MHz
Amplitude Ripple over fc ±1.9 MHz
0.5
1.10
dBP-P
Group Delay Variation over fc ±1.9 MHz
GDV
65
150
nsP-P
Rejection
50 to 65.44 MHz
1, 3
40
45
dB
65.44 to 70.44 MHz
39
43
70.44 to 72.04 MHz
36
43
81.26 to 82.56 MHz
38
49
82.56 to 86.50 MHz
39
48
86.5 to 91.50 MHz
41
48
91.50 to 100.000 MHz
45
58
Operating Temperature Range
TA
1
-40
+85
°C
Frequency Temperture Coefficient
FTC
-18
ppm/°C
Differential Input
175 ohms
Differential Output
1000 ohms
Case Style
6
SMP-03-S 7 x 5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, S=shift) See note 4
RFM SF2037B-3 YYWWS
SMP-03-S
Designed for SDARS IF Receiver
Low Insertion Loss
5.0 X 7.0 mm Surface-Mount Case
Differential or Single Ended Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Max Soldering Profile
265°C for 10 s
76.500 MHz
SAW Filter
SF2037B-3
Pb
Connection
Port 1 Hot
Port 1 Ground Return or Hot
Port 2 Hot
Port 2 Ground Return or Hot
Case Ground
Terminals
10
1
5
6
All Others
Electrical Connections


Similar Part No. - SF2037B-3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2037B-3 MURATA-SF2037B-3 Datasheet
63Kb / 3P
   76.500 MHz SAW Filter
More results

Similar Description - SF2037B-3

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2038B-3 RFM-SF2038B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2038B RFM-SF2038B Datasheet
250Kb / 7P
   Designed for SDARS IF Receiver
SF2039B RFM-SF2039B Datasheet
190Kb / 7P
   Designed for SDARS IF Receiver
SF1141B RFM-SF1141B Datasheet
471Kb / 6P
   Designed for SDARS IF Receiver
SF2038B-2 RFM-SF2038B-2 Datasheet
250Kb / 7P
   Designed for SDARS IF Receiver
SF2038C RFM-SF2038C Datasheet
815Kb / 5P
   Designed for SDARS IF Receiver
SF2039B-2 RFM-SF2039B-2 Datasheet
239Kb / 7P
   Designed for SDARS IF Receiver
SF1141B-4 RFM-SF1141B-4 Datasheet
106Kb / 3P
   Designed for SDARS IF Receiver
SF2039B-3 RFM-SF2039B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2037C RFM-SF2037C Datasheet
856Kb / 5P
   Designed for SDARS IF Receiver
SF2040B RFM-SF2040B Datasheet
242Kb / 7P
   Designed for SDARS IF Receiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com