Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B16120J Datasheet(PDF) 8 Page - Sony Corporation

Part No. CXK5B16120J
Description  65536-word X 16-bit High Speed Bi-CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B16120J Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXK5B16120J Datasheet HTML 2Page - Sony Corporation CXK5B16120J Datasheet HTML 3Page - Sony Corporation CXK5B16120J Datasheet HTML 4Page - Sony Corporation CXK5B16120J Datasheet HTML 5Page - Sony Corporation CXK5B16120J Datasheet HTML 6Page - Sony Corporation CXK5B16120J Datasheet HTML 7Page - Sony Corporation CXK5B16120J Datasheet HTML 8Page - Sony Corporation CXK5B16120J Datasheet HTML 9Page - Sony Corporation CXK5B16120J Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
– 8 –
CXK5B16120J/TM
Example of Representative Characteristics
Supply current vs. Frequency
75
100
25
50
1.0
0.75
0.5
0.25
0
Supply current vs. Supply voltage
VCC – Supply voltage [V]
3.45
3.6
3.15
3.3
3.0
1.4
1.2
1.0
0.8
0.6
Ta = 25°C
Supply current vs. Ambient temperature
Ta – Ambient temperature [°C]
60
80
20
40
0
1.4
1.2
1.0
0.8
0.6
VCC =3.3V
Access time vs. Load capacitance
CL – Load capacitance [pF]
120
160
40
80
0
1.8
1.6
1.4
1.2
1.0
Ta = 25°C
VCC =3.3V
Frequency (1 /tRC, 1 /tWC) [MHz]
0
Ta – Ambient temperature [°C]
60
80
20
40
0
1.4
1.2
1.0
0.8
0.6
VCC =3.3V
Access time vs. Supply voltage
VCC – Supply voltage [V]
3.45
3.6
3.15
3.3
3.0
1.4
1.2
1.0
0.8
0.6
Ta = 25°C
tAA
Access time vs. Load capacitance
tCO
tOE
tAA
tCO
tOE
12ns
tOE
tCO, tAA


Similar Part No. - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz