Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B16120J Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXK5B16120J
Description  65536-word X 16-bit High Speed Bi-CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B16120J Datasheet(HTML) 3 Page - Sony Corporation

  CXK5B16120J Datasheet HTML 1Page - Sony Corporation CXK5B16120J Datasheet HTML 2Page - Sony Corporation CXK5B16120J Datasheet HTML 3Page - Sony Corporation CXK5B16120J Datasheet HTML 4Page - Sony Corporation CXK5B16120J Datasheet HTML 5Page - Sony Corporation CXK5B16120J Datasheet HTML 6Page - Sony Corporation CXK5B16120J Datasheet HTML 7Page - Sony Corporation CXK5B16120J Datasheet HTML 8Page - Sony Corporation CXK5B16120J Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
– 3 –
CXK5B16120J/TM
Electrical Characteristics
DC Characteristics
(Vcc = 3.3V±0.3V, GND = 0V, Ta = 0 to +70°C)
Item
Symbol
Conditions
VIN = GND to Vcc
CE = VIH or OE = VIH or WE = VIL or
UB = VIH or LB = VIH
VI/O = GND to Vcc
Min. Cycle
Duty =100%
IOUT = 0mA, CE = VIL, VIN = VIH or VIL
CE
≥ Vcc – 0.2V
VIN
≥ Vcc – 0.2V or VIN ≤ 0.2V
Min. Cycle
Duty =100%
CE = VIH, VIN = VIH or VIL
IOH = –2.0mA
IOL = 2.0mA
–10
–10
2.4
+10
+10
270
10
100
0.4
µA
µA
mA
mA
mA
V
V
Input leakage current
Output leakage current
Average operating
current
Standby current
Output high voltage
Output low voltage
ILI
ILO
ICC
ISB1
ISB2
VOH
VOL
Min.
Typ.∗
Max.
Unit
*
Vcc = 3.3V, Ta = 25°C
I/O Capacitance
(Ta = 25°C, f = 1MHz)
Item
Input capacitance
I/O capacitance
CIN
CI/O
VIN = 0V
VI/O = 0V
5
7
pF
pF
Symbol
Conditions
Min.
Typ.
Max.
Unit
AC Characteristics
• AC test condition
(Vcc = 3.3V±0.3V, Ta = 0 to +70°C)
Item
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
Output load conditions
VIH = 3.0V
VIL = 0.0V
tr = 2ns
tf = 2ns
1.4V
Fig. 1
Condition
I/O
Zo=50
RL=50
VL=1.4V
I/O
3.3V
1179
868
5pF*2
Output load (1)
Output load (2)*1
*1. For tLZ, tOLZ, tLBLZ, tUBLZ, tHZ, tOHZ, tLBHZ, tUBHZ, tOW, tWHZ
*2. Including scope and jig capacitances.
Fig. 1
Note) This parameter is sampled and is not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn