Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B16120J Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK5B16120J
Description  65536-word X 16-bit High Speed Bi-CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B16120J Datasheet(HTML) 2 Page - Sony Corporation

  CXK5B16120J Datasheet HTML 1Page - Sony Corporation CXK5B16120J Datasheet HTML 2Page - Sony Corporation CXK5B16120J Datasheet HTML 3Page - Sony Corporation CXK5B16120J Datasheet HTML 4Page - Sony Corporation CXK5B16120J Datasheet HTML 5Page - Sony Corporation CXK5B16120J Datasheet HTML 6Page - Sony Corporation CXK5B16120J Datasheet HTML 7Page - Sony Corporation CXK5B16120J Datasheet HTML 8Page - Sony Corporation CXK5B16120J Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
– 2 –
CXK5B16120J/TM
VCC
VIN
VI/O
PD
Topr
Tstg
J
TM
Tsolder
–0.5∗1 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
1.5∗2
0 to +70
–55 to +150
260 • 10
235 • 10
V
V
V
W
°C
°C
°C • sec
°C • sec
Item
Symbol
Rating
Unit
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
3.0
2.0
–0.3∗
3.3
3.6
VCC + 0.3
0.8
V
V
V
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
Truth Table
CE
H
L
L
L
L
×
L
×
H
×
×
H
L
H
×
×
L
L
H
H
L
L
H
×
H
×
L
H
L
H
L
H
L
×
H
Not selected
Read
Read
Read
Not selected
Write
Write
Write
Output disable
Not selected
High Z
Data Out
Data Out
High Z
High Z
Data in
Data in
High Z
High Z
High Z
High Z
Data out
High Z
Data out
High Z
Data in
High Z
Data in
High Z
High Z
ISB1, ISB2
ICC
ICC
ICC
ICC
ICC
ICC
ICC
ICC
ICC
OE
WE
LB
UB
Mode
I/O1 to I/O8
I/O9 to I/O16
Current
Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
~
: “H” or “L”
∗ V
IL
= –2.0V Min. for pulse width less than 5ns
∗1 Vcc, V
IN
, VI/O = –2.0V Min. for pulse width less than 5ns
∗2 Air Flow ≥ 1m/s
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature • time


Similar Part No. - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz