Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK58512TM-55LL Datasheet(PDF) 5 Page - Sony Corporation

Part # CXK58512TM-55LL
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK58512TM-55LL Datasheet(HTML) 5 Page - Sony Corporation

  CXK58512TM-55LL Datasheet HTML 1Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 2Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 3Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 4Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 5Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 6Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 7Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 8Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– 5 –
CXK58512TM/M
Item
Symbol
Min.
Max.
Min.
Max.
-55LL
-70LL
Unit
tRC
tAA
tCO1
tCO2
tOE
tOH
tLZ1, tLZ2
tOLZ
tHZ1∗, tHZ2
tOHZ
55
15
10
5
55
55
55
30
25
25
70
15
10
5
Min.
Max.
-10LL
100
15
10
5
70
70
70
40
25
25
100
100
100
50
35
35
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Read cycle time
Address access time
Chip enable access time (CE1)
Chip enable access time (CE2)
Output enable to output valid
Output hold from address change
Chip enable to output in low Z (CE1, CE2)
Output enable to output in low Z (OE)
Chip disable to output in high Z (CE1, CE2)
Output disable to output in high Z (OE)
• Read cycle (WE = "H")
∗ t
HZ1
, tHZ2 and tOHZ are defined as the time required for outputs to turn to high impedance state and are not
referred to as output voltage levels.
∗ t
WHZ
is defined as the time required for outputs to turn to high impedance state and is not referred to as
output voltage level.
Item
Symbol
Min.
Max.
Min.
Max.
-55LL
-70LL
Unit
tWC
tAW
tCW
tDW
tDH
tWP
tAS
tWR
tWR1
tOW
tWHZ
55
50
50
25
0
40
0
0
0
10
25
70
60
60
30
0
50
0
0
0
10
25
Min.
Max.
-10LL
100
70
70
40
0
70
0
0
0
10
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write cycle time
Address valid to end of write
Chip enable to end of write
Data to write time overlap
Data hold from write time
Write pulse width
Address setup time
Write recovery time (WE)
Write recovery time (CE1, CE2)
Output active from end of write
Write to output in high Z
• Write cycle
(Vcc = 5V ± 10%, GND = 0V, Ta = 0 to +70°C)
(Vcc = 5V ± 10%, GND = 0V, Ta = 0 to +70°C)


Similar Part No. - CXK58512TM-55LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK58512TM-55LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com