Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300DV1A120 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM300DV1A120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300DV1A120 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button PM300DV1A120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300DV1A120
FLAT-BASE TYPE
INSULATED PACKAGE
November. 2011
SWITCHING TIME (ton, toff) CHARACTERISTICS
(TYPICAL)
SWITCHING TIME (tc(on), tc(off)) CHARACTERISTICS
(TYPICAL)
0.1
1.0
10.0
10
100
1000
0.01
0.1
1
10
10
100
1000
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
FREE WHEELING DIODE
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
250
300
350
0
40
80
120
160
200
240
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
Vcc=600V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
toff
ton
Vcc=600V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
tc(off)
tc(on)
Eoff
Eon
Vcc=600V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
Irr
trr
Vcc=600V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load


Similar Part No. - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DV1A120 POWEREX-PM300DV1A120 Datasheet
476Kb / 6P
   Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
More results

Similar Description - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com