Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK582000TM-85LL Datasheet(PDF) 9 Page - Sony Corporation

Part # CXK582000TM-85LL
Description  262144-word X 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK582000TM-85LL Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK582000TM-85LL Datasheet HTML 3Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 4Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 5Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 6Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 7Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 8Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 9Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 10Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
– 9 –
CXK582000TM/YM/M
0 to +70°C
0 to +40°C
+25°C
VCC = 2.0 to 5.5V
Chip disable to data retention mode
Data retention voltage
Data retention setup time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
2.0
0
5
0.8
1.4
5.5
24
4.8
2.4
40
V
µA
µA
ns
ms
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Retention Characteristics
(Ta = 0 to +70°C)
∗ CE1 ≥ Vcc – 0.2V, CE2 ≥ Vcc – 0.2V (CE1 control) or CE2 ≤ 0.2V (CE2 control)
Data retention current
VCC = 3.0V
1
Data retention waveform
• Low supply voltage data retention waveform (1) (CE1 control)
VCC
4.5V
2.2V
VDR
CE1
GND
tCDRS
Data retention mode
CE1 ≥ VCC – 0.2V
• Low supply voltage data retention waveform (2) (CE2 control)
tR
Data retention mode
tR
tCDRS
CE2 ≤ 0.2V
VCC
4.5V
0.4V
CE2
GND
VDR


Similar Part No. - CXK582000TM-85LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10 SONY-CXK58256M-10 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10L SONY-CXK58256M-10L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12 SONY-CXK58256M-12 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12L SONY-CXK58256M-12L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
More results

Similar Description - CXK582000TM-85LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
   262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256BFP MITSUBISHI-M5M5256BFP Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com