Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK58512TM Datasheet(PDF) 11 Page - Sony Corporation

Part No. CXK58512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXK58512TM Datasheet(HTML) 11 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– 11 –
CXK58512TM/M
1.2
0.8
4.5
4.75
5.0
5.25
5.5
1.4
1.2
1.0
0.8
0.6
1.4
12
3
4
5
1.8
1.4
1.0
0.6
0
0.2
0.4
0.6
0
2.0
3.0
4.0
5.0
6.0
20
10
5
2
0.2
020
40
60
80
1
0.5
0
2040
6080
VCC = 5.0V
VCC = 5.0V
Ta
= 25°C
1.2
1.0
0.8
0.6
VCC = 5.0V
Ta
= 25°C
0.8
VCC = 5.0V
Ta
= 25°C
1.1
1.0
0.9
VIL, VIH
2.0
1.5
1.0
0.5
Ta
= 25°C
ISB1
ISB2
Standby current vs. Ambient temperature
Standby current vs. Supply voltage
Ta – Ambient temperature [°C]
VCC – Supply voltage [V]
VOL – Output low voltage [V]
Output low current vs. Output low voltage
Standby current vs. Ambient temperature
Output high current vs. Output high voltage
Input voltage level vs. Supply voltage
Ta – Ambient temperature [°C]
VOH – Output high voltage [V]
VCC – Supply voltage [V]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn