Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK58512TM Datasheet(PDF) 10 Page - Sony Corporation

Part No. CXK58512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXK58512TM Datasheet(HTML) 10 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– 10 –
CXK58512TM/M
Example of Representative Characteristics
4.5
4.75
5
5.25
5.5
0.6
0.8
1.0
1.2
1.4
020
40
60
80
0.8
0.9
1.0
1.1
1.2
020
40
60
80
0.6
0.8
1.0
1.2
1.4
TO
E
TAA, TCO1, TCO2
Ta = 25°C
ICC1
ICC2 (Write)
ICC2 (Read)
VCC = 5.0V
TOE
TCO1, TCO2, TAA
VCC = 5.0V
4.5
4.75
5
5.25
5.5
1.5
1.25
0.5
1.0
0.75
ICC
1
ICC
2
Ta = 25°C
04
8
12
20
0
0.2
0.4
0.6
1.0
Read
55ns
100ns
0.8
Write
VCC = 5.0V
Ta = 25°C
16
70ns
0
100
200
300
400
0.6
1.0
1.2
1.4
1.6
1.8
2.0
TO
E
TAA, TCO1, TCO2
VCC = 5.0V
Ta = 25°C
0.8
Supply current vs. Supply
voltage
Supply current vs. Frequency
Access time vs. Supply voltage
Access time vs. Ambient temperature
Access time vs. Load capacitance
Supply current vs. Ambient
temperature
Ta– Ambient temperature [°C]
CL– Load capacity [pF]
Ta– Ambient temperature [°C]
VCC – Supply voltage [V]
Frequency (1 / tRC, 1 / tWC) [
MHz]
VCC– Supply voltage [V]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn