Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK58512TM Datasheet(PDF) 12 Page - Sony Corporation

Part No. CXK58512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXK58512TM Datasheet(HTML) 12 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
– 12 –
CXK58512TM/M
Package Outline
Unit: mm
CXK58512TM
SONY CODE
EIAJ CODE
JEDEC CODE
TSOP (I) -32P-L01
TSOP (I) 032-P-0820-A
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
42 ALLOY
SOLDER PLATING
EPOXY / PHENOL RESIN
0° to 10°
32PIN TSOP (I) (PLASTIC)
8.0 ± 0.2
32
17
0.2 – 0.03
+ 0.08
0.5
116
A
0.127 –
0.02
+ 0.05
0.1 ± 0.1
1.07 – 0.1
+ 0.2
DETAIL A
0.1
0.08 M
NOTE: Dimension “
∗” does not include mold protrusion.
CXK58512M
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-32P-L02
∗SOP032-P-0525-A
EPOXY / PHENOL RESIN
SOLDER PLATING
42 ALLOY
32PIN SOP (PLASTIC) 525mil
20.5 – 0.1
+ 0.4
32
17
1
0.4 ± 0.1
1.27
16
2.9 – 0.25
+ 0.15
A
0.15 – 0.05
+ 0.1
0.2 ± 0.1
0° to 10°
DETAIL A
0.1
0.12 M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn