Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75B6LB060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM75B6LB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75B6LB060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM75B6LB060_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75B6LB060_09 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75B6LB060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
3.5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Weight
Condition
Unit
N • m
g
Limits
Min.
Typ.
Max.
2.5
3.0
340
MECHANICAL RATINGS AND CHARACTERISTICS
0.3
VCE(sat)
ICES
VEC
VFM
ton
trr
tc(on)
toff
tc(off)
V
mA
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
FWDi Forward Voltage
Forward Voltage
Switching Time
Collector-Emitter
Cutoff Current
–IC = 75A, VCIN = 15V, VD = 15V
(Fig. 2)
IF = 75A
Tj = 25°C
Tj = 125°C
Unit
V
V
Parameter
Symbol
Condition
Limits
2.3
2.0
3.3
3.0
1.4
0.2
0.4
1.8
0.4
1
10
1.7
1.55
2.2
1.9
0.7
0.1
0.2
0.9
0.2
Tj = 25°C
Tj = 125°C
CONVERTER PART
VD = 15V, IC = 75A
VCIN = 0V, Pulsed
(Fig. 1)
VCE = VCES, VD = 15V
(Fig. 5)
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC
UN • VN • WN • Br-VNC
ID
°C
V
mA
ms
34
12
1.8
2.3
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Short Circuit Trip Level
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
SC
toff(SC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
CONTROL PART
1.2
1.7
150
150
135
11.5
1.0
Parameter
Symbol
Condition
Max.
Min.
Typ.
Unit
Limits
24
6
1.5
2.0
0.2
145
125
12.0
12.5
10
1.8
(Note-2) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to
protect it.
VD = 15V
Detect Tj of IGBT chip
–20 ≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
V
µs
VN1-VNC
V*P1-V*PC
Inverter part
Converter part
A
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC
UN • VN • WN • Br-VNC
Using Application Circuit of Fig. 8
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 450
15 ± 1.5
≤ 0.8
≥ 9.0
≤ 20
≥ 2.0
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
(Note-3) With ripple satisfying the following conditions : dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak
–20 ≤ Tj ≤ 125°C, VD = 15V (Fig. 3,6)
VD = 15V
(Fig. 3,6)
VD = 15V, VCIN = 0V↔15V
VCC = 300V, IC = 75A
Tj = 125°C
Inductive Load
(Fig. 3,4)
µs


Similar Part No. - PM75B6LB060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75B6LB060 MITSUBISHI-PM75B6LB060 Datasheet
175Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75B6LB060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com