Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2H100-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2H100-Y
Description  Automotive power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2H100-Y Datasheet HTML 1Page - STMicroelectronics STPS2H100-Y Datasheet HTML 2Page - STMicroelectronics STPS2H100-Y Datasheet HTML 3Page - STMicroelectronics STPS2H100-Y Datasheet HTML 4Page - STMicroelectronics STPS2H100-Y Datasheet HTML 5Page - STMicroelectronics STPS2H100-Y Datasheet HTML 6Page - STMicroelectronics STPS2H100-Y Datasheet HTML 7Page - STMicroelectronics STPS2H100-Y Datasheet HTML 8Page - STMicroelectronics STPS2H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS2H100-Y
4/9
Doc ID 17944 Rev 1
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA / SMB)
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMA
SMB
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
2040
6080
100
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
V (V)
R
I (µA)
R
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 10.
Forward voltage drop versus
forward current (low level)
10
100
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
V
(V)
FM


Similar Part No. - STPS2H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100 Datasheet
44Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 2A
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS2H100RL STMICROELECTRONICS-STPS2H100RL Datasheet
44Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 2A
STPS2H100U STMICROELECTRONICS-STPS2H100U Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS2H100UF STMICROELECTRONICS-STPS2H100UF Datasheet
188Kb / 12P
   Power Schottky rectifier
More results

Similar Description - STPS2H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com