Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2H100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS2H100
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS2H100_10 Datasheet HTML 2Page - STMicroelectronics STPS2H100_10 Datasheet HTML 3Page - STMicroelectronics STPS2H100_10 Datasheet HTML 4Page - STMicroelectronics STPS2H100_10 Datasheet HTML 5Page - STMicroelectronics STPS2H100_10 Datasheet HTML 6Page - STMicroelectronics STPS2H100_10 Datasheet HTML 7Page - STMicroelectronics STPS2H100_10 Datasheet HTML 8Page - STMicroelectronics STPS2H100_10 Datasheet HTML 9Page - STMicroelectronics STPS2H100_10 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STPS2H100
Ordering information
Doc ID 6115 Rev 7
9/10
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS2H100A
S21
SMA
0.068 g
5000
Tape and reel
STPS2H100U
G21
SMB
0.107 g
2500
Tape and reel
STPS2H100UF
FG21
SMB flat
0.050 g
5000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
Jul-2003
4A
Last update.
Aug-2004
5
SMA package dimensions update. Reference A1 max.
changed from 2.70 (0.106 inches) to 2.03 mm (0.080 inches).
08-Feb-2007
6
Reformatted to current standards. Added ECOPACK
statement. Added SMB flat package.
15-Feb-2010
7
Updated weight for SMB flat in Table 8.


Similar Part No. - STPS2H100_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS2H100RL STMICROELECTRONICS-STPS2H100RL Datasheet
44Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 2A
STPS2H100U STMICROELECTRONICS-STPS2H100U Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS2H100UF STMICROELECTRONICS-STPS2H100UF Datasheet
188Kb / 12P
   Power Schottky rectifier
More results

Similar Description - STPS2H100_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com