Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1H100-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1H100-Y
Description  Automotive high voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1H100-Y Datasheet HTML 1Page - STMicroelectronics STPS1H100-Y Datasheet HTML 2Page - STMicroelectronics STPS1H100-Y Datasheet HTML 3Page - STMicroelectronics STPS1H100-Y Datasheet HTML 4Page - STMicroelectronics STPS1H100-Y Datasheet HTML 5Page - STMicroelectronics STPS1H100-Y Datasheet HTML 6Page - STMicroelectronics STPS1H100-Y Datasheet HTML 7Page - STMicroelectronics STPS1H100-Y Datasheet HTML 8Page - STMicroelectronics STPS1H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2010
Doc ID 17935 Rev 1
1/9
9
STPS1H100-Y
Automotive high voltage power Schottky rectifier
Features
Negligible switching losses
High junction temperature capability
Low leakage current
Good trade-off between leakage current and
forward voltage drop
Avalanche capability specified
ECOPACK®2 compliant component
AEC-Q101 qualified
Description
Schottky rectifiers packaged in SMA or SMB, and
designed for high frequency miniature switched
mode power supplies as DC/DC converters for
automotive applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
100 V
Tj (max)
175 °C
VF(max)
0.62 V
K
A
K
A
SMA
(JEDEC DO-214AC)
STPS1H100AY
SMB
(JEDEC DO-214AA)
STPS1H100UY
www.st.com


Similar Part No. - STPS1H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
More results

Similar Description - STPS1H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
   Automotive high voltage power Schottky rectifier
October 2016 Rev 1
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS15H100C-Y STMICROELECTRONICS-STPS15H100C-Y Datasheet
200Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
   Automotive high voltage power Schottky rectifier
June 2016
STPS40170C-Y STMICROELECTRONICS-STPS40170C-Y Datasheet
111Kb / 8P
   Automotive high voltage power Schottky rectifier
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com