Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1131ER Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1131ER
Description  High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1131ER Datasheet(HTML) 1 Page - Sony Corporation

  CXG1131ER Datasheet HTML 1Page - Sony Corporation CXG1131ER Datasheet HTML 2Page - Sony Corporation CXG1131ER Datasheet HTML 3Page - Sony Corporation CXG1131ER Datasheet HTML 4Page - Sony Corporation CXG1131ER Datasheet HTML 5Page - Sony Corporation CXG1131ER Datasheet HTML 6Page - Sony Corporation CXG1131ER Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
– 1 –
E02110-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1131ER
24 pin VQFN (Plastic)
High Power 3
××××× 5 Antenna Switch MMIC with Integrated Control Logic
Description
The CXG1131ER is a high power antenna switch
MMIC for PDC full packet 1.5GHz handsets. This IC is
suited to connect Tx/Rx/duplexer to one of 4 antennas.
The CXG1131ER has on-chip logic circuit for operation
with 4 CMOS inputs. The Sony's GaAs J-FET process
is used for low insertion loss and low voltage operation.
Features
• Low insertion loss: 1.0dB @1.5GHz
• High linearity: Harmonic < – 65dBc
• CMOS compatible input control
• Small package: 24-pin VQFN (4.0mm
× 4.0mm)
Applications
3
× 5 antenna switch for digital cellular such as PDC handsets
Structure
GaAs J-FET MMIC
Absolute Maximum Ratings (Ta = 25°C)
• Bias voltage
VDD
7V
• Control voltage
Vctl
5
V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.


Similar Part No. - CXG1131ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1130AER SONY-CXG1130AER Datasheet
125Kb / 8P
   Triple Low Noise Amplifier/Dual Mixer
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1134EN SONY-CXG1134EN Datasheet
43Kb / 4P
   High Power SPDT Switch with Logic Control
More results

Similar Description - CXG1131ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1166ER SONY-CXG1166ER Datasheet
69Kb / 8P
   High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1166AER SONY-CXG1166AER Datasheet
69Kb / 8P
   High Power 3 x 5 Antenna Switch MMIC with Integrated Control Logic
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
   High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
   High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com