Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC560P60L3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC560P60L3
Description  32-bit Power Architecture짰 based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC560P60L3 Datasheet HTML 6Page - STMicroelectronics SPC560P60L3 Datasheet HTML 7Page - STMicroelectronics SPC560P60L3 Datasheet HTML 8Page - STMicroelectronics SPC560P60L3 Datasheet HTML 9Page - STMicroelectronics SPC560P60L3 Datasheet HTML 10Page - STMicroelectronics SPC560P60L3 Datasheet HTML 11Page - STMicroelectronics SPC560P60L3 Datasheet HTML 12Page - STMicroelectronics SPC560P60L3 Datasheet HTML 13Page - STMicroelectronics SPC560P60L3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
10/104
Doc ID 18340 Rev 3
Figure 1.
SPC56xP54/60 block diagram
Cross Bar Switch (XBAR, AMBA 2.0 v6 AHB) XBAR_0
e200z0 Core
Peripheral Bus (IPS)
32-bit
Nexus
port
controller
general
purpose
registers
PMU
Variable
length
encoded
instructions
Integer
execution
unit
Peripheral Bus (IPS)
INTC_0
SWT_0
STM_0
ECSM_0
SEMA4_0
DMAMUX_0
DMA_0
Special
purpose
registers
Branch
prediction
unit
Load/Store
unit
JTAG
Nexus 2+
Exception
handler
Instruction
unit
48KB
SRAM
with ECC
PBRIDGE_0
NASPS_0
SRAMC_0
1024KB
code flash
with ECC
4x16KB
data flash
with ECC
PFLASHC_0
e200z0 Core
32-bit
general
purpose
registers
Variable
length
encoded
instructions
Integer
execution
unit
Special
purpose
registers
Branch
prediction
unit
Load/Store
unit
JTAG
Nexus 2+
Exception
handler
Instruction
unit
INTC_1
SWT_1
STM_1
ECSM_1
SEMA4_1
Memory protection unit MPU_0
Memory protection unit MPU_1
32KB
SRAM
with ECC
NASPS_1
PBRIDGE_1
SRAMC_1
M2
M3
M0
M1
M5
M6
S7
S2
S0
S1
S3
S6
P0
P1
DATA
DATA
INSTR
INSTR
26


Similar Part No. - SPC560P60L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560P60L3 STMICROELECTRONICS-SPC560P60L3 Datasheet
1Mb / 104P
   32-bit Power Architecture짰 based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
May 2012 Rev 3
More results

Similar Description - SPC560P60L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56AP54L5 STMICROELECTRONICS-SPC56AP54L5 Datasheet
1Mb / 104P
   32-bit Power Architecture짰 based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
May 2012 Rev 3
SPC56AP60X STMICROELECTRONICS-SPC56AP60X Datasheet
2Mb / 105P
   32-bit Power Architecture짰 based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
June 2016 Rev 6
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
logo
Freescale Semiconductor...
TWR-PXS3020 FREESCALE-TWR-PXS3020 Datasheet
460Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Industrial Control and Safety Applications
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
logo
Silicon Laboratories
EFM8SB1-SLSTK2010A SILABS-EFM8SB1-SLSTK2010A Datasheet
1Mb / 23P
   EFM8SB10F8G MCU with 8 kB Flash and 512 bytes RAM
Rev. 0.3
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
   Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
   32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com