Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK16T Datasheet(PDF) 6 Page - Sirectifier Global Corp.

Part # STT500GK16T
Description  Thyristor-Thyristor Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STT500GK16T Datasheet(HTML) 6 Page - Sirectifier Global Corp.

  STT500GK16T Datasheet HTML 1Page - Sirectifier Global Corp. STT500GK16T Datasheet HTML 2Page - Sirectifier Global Corp. STT500GK16T Datasheet HTML 3Page - Sirectifier Global Corp. STT500GK16T Datasheet HTML 4Page - Sirectifier Global Corp. STT500GK16T Datasheet HTML 5Page - Sirectifier Global Corp. STT500GK16T Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STT500GKXX%T
Thyristor-Thyristor Modules
Fig. 11 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
R
= 0
.01
K/W
- D
elta
R
0.02
K/W
0.03
K/W
0.05K
/W
0.08K/
W
0.2 K/W
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
250
500
750
1000
1250
1500
Total Output Current (A)
120°
(Rect)
3 x STT500.. Series
Three Phase Bridge
Connected
T = 130°C
J
Fig. 12 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2) (3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
rated di/dt : 20V, 10ohms; tr<=1
µs
tr<=1 µs
(1)
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
STT500.. Series
Frequency Limited by PG(AV)
(4)
Fig. 11 - On-state Power Loss Characteristics
Fig. 11 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C
Maximum Allowable Ambient Temperature (°C
R
W
W
W
/
K W
W
W
W
W
0
250
500
750
1000
1250
1500
0
250
500
750
1000
1250
1500
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
250
500
750
1000
1250
1500
0
250
500
750
1000
1250
1500
0
250
500
750
1000
1250
1500
Total Output Current (A)
VGD
a) Recommended load line for
a) Recommended load line for
b) Recommended load line for
b) Recommended load line for
b) Recommended load line for
b) Recommended load line for
b) Recommended load line for
b) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
<=30% rated di/dt : 10V, 10ohms
rated di/dt : 20V, 10ohms; tr<=1
µs
rated di/dt : 20V, 10ohms; tr<=1
µs
tr<=1 µs
tr<=1 µs
tr<=1 µs
tr<=1 µs
tr<=1 µs
tr<=1 µs
Rectangular gate pulse
Rectangular gate pulse
P6
2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT500GK16T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT500GK16 ETC2-STT500GK16 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT500GK16 SIRECTIFIER-STT500GK16 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK16T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com