Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK12T Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # STT500GK12T
Description  Thyristor-Thyristor Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STT500GK12T Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  STT500GK12T Datasheet HTML 1Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 2Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 3Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 4Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 5Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STT500GKXX%T
Thyristor-Thyristor Modules
Type
STT500GK08%T
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=TVJM
TC=85
oC; 180o sine
785
500
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
16000
18000
13000
14400
A
ITSM, IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1125000
1062000
845000
813000
A
2s
i
2dt
(di/dt)cr
100
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
120
60
W
PGAV
20
W
ITRMS, IFRMS
ITAVM, IFAVM
oC
TVJ
TVJM
Tstg
-40...+140
140
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M6)
Terminal connection torque (M8)
_
4.5-7/40-60
11-13/97-115
Nm/lb.in.
Weight
1
g
TVJ=TVJM
repetitive, IT=960A
f=50Hz, tp=200us
VD=2/3VDRM
IG=1A
non repetitive, IT=ITAVM
diG/dt=1A/us
VRGM
10
V
Typical
STT500GK12%T
STT500GK14%T
STT500GK16%T
STT500GK18%T
Maximum Ratings
Maximum Ratings
785
785
500
500
C
t=10ms (50Hz), sine
=0
t=8.3ms (60Hz), sine
t=10ms(50Hz), sine
=0
t=8.3ms(60Hz), sine
=0
t=8.3ms(60Hz), sine
16000
18000
13000
14400
C
t=10ms (50Hz), sine
C
t=10ms (50Hz), sine
=0
t=8.3ms (60Hz), sine
=0
t=8.3ms (60Hz), sine
t=10ms(50Hz), sine
t=10ms(50Hz), sine
=0
t=8.3ms(60Hz), sine
=0
t=8.3ms(60Hz), sine
VJM
;
V
;
VDR
DR
=2/3V
=2/3VDRM
=
; method 1 (linear voltage rise)
=
; method 1 (linear voltage rise)
TVJ=T
=TVJM
VJM
ttpp=30us
IT=ITAVM
TAVM
ttp=500us
repetitive, I
repetitive, ITT=960A
=960A
=1A
non repetitive, I
=1A
non repetitive, IT=ITAVM
/dt=1A/us
P1
2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT500GK12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT500GK12 ETC2-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT500GK12 SIRECTIFIER-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com