Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # STT500GK
Description  Thyristor-Thyristor Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STT500GK Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  STT500GK Datasheet HTML 1Page - Sirectifier Global Corp. STT500GK Datasheet HTML 2Page - Sirectifier Global Corp. STT500GK Datasheet HTML 3Page - Sirectifier Global Corp. STT500GK Datasheet HTML 4Page - Sirectifier Global Corp. STT500GK Datasheet HTML 5Page - Sirectifier Global Corp. STT500GK Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STT500GKXX%T
Thyristor-Thyristor Modules
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 130°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
STT500.. Series
Per Junction
6000
8000
10000
12000
14000
16000
18000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained .
Initial T = 130°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
STT500.. Series
Per Junction
Fig.  - On-state Voltage Drop Characteristics
Fig.  - Thermal Impedance Z
thJC
Characteristics
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 130°C
J
STT500.. Series
Per Junction
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
STT500.. Series
Per Junction
Steady St ate Value:
R
= 0.065 K/W
(DC Operation)
thJC
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
6000
6000
8000
10000
10000
0.01
0.01
0.1
Pulse Train Duration (s)
STT500.. Series
STT500.. Series
STT500.. Series
Per Junction
1000
0.5
1
1.5
2
2.5
3
3.5
4
4
T = 25°C
J
T = 130°C
T = 130°C
P4
2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT500GK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT500GK08 ETC2-STT500GK08 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT500GK08 SIRECTIFIER-STT500GK08 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT500GK12 ETC2-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT500GK12 SIRECTIFIER-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT500GK14 ETC2-STT500GK14 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com