Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD24E-12-500 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LD24E-12-500
Description  Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24E-12-500 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LD24E-12-500 Datasheet HTML 1Page - MicroPower Direct, LLC LD24E-12-500 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification Notes:
1. Exceeding 40V on the unit input could damage the unit.
2. No connection should be made between input ground and the
output.
3. These are step-down devices, the maximum output open voltage
is equal to the input voltage.
4. The PWM/Cont input (Pin 3) should be left open if not used.
5. Exceeding the specified maximum output power could cause damage
to the unit.
PWM Output Current Control
Output current may be
adjusted by using a
pulse width modulated
(PWM) signal. By vary-
ing the signal duty cycle
(as shown at right)
the output current is
adjusted up or down.
Output current may be calculated by the formula:
Where Iout = Required output current
Irated = Full rated output current for the unit
Dpwm = Duty cycle of the control signal
OUT
RATED
PWM
I
= I
x D
Mechanical Dimensions
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Pin Connections
Pin
Function
1+VIN
+DC Supply
3
PWM
PWM, On/Off
4
Gnd
-DC Supply
5-VOUT LED Cathode Conn.
6
+Vout
LED Anode Conn.
Connection Notes:
1. In some noise sensitive applications, the addition of the
input filter components (C1, L1 & C2) will help to reduce
conducted emissions.
2. Input gnd (Pin 4) cannot be connected to the output.
3. If not being used, the PWM/Control input (Pin 3) should
be left open.
Typical Connection: Parallel Output
Typical Connection:
Model
Number
Input
Output
Dimming
Control
Efficiency
(%, Max)
Voltage (VDC)
Voltage
(VDC)
Current
(mA)
Nominal
Range
LD24E-07-300
24
5.5 - 36.0
2.0 - 32.0
0.0 - 300
PWM
95
LD24E-08-350
24
5.5 - 36.0
2.0 - 32.0
0.0 - 350
PWM
95
LD24E-12-500
24
5.5 - 36.0
2.0 - 32.0
0.0 - 500
PWM
95
LD24E-14-600
24
5.5 - 36.0
2.0 - 32.0
0.0 - 600
PWM
95
LD24E-17-700
24
5.5 - 36.0
2.0 - 32.0
0.0 - 700
PWM
95
Model Selection Guide
Connection Notes:
1. A positive temperature coefficient PTC is connected to
each parallel channel for protection.


Similar Part No. - LD24E-12-500

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24E-12-500 MPD-LD24E-12-500 Datasheet
288Kb / 2P
   Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
More results

Similar Description - LD24E-12-500

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24E-XX-XXX MPD-LD24E-XX-XXX Datasheet
288Kb / 2P
   Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
LDF24E-XX-XXX MPD-LDF24E-XX-XXX Datasheet
341Kb / 2P
   Miniature, SMT Constant Current Output DC/DC LED Drivers
logo
Tumbler Technologies + ...
LIS25 TRUMPOWER-LIS25 Datasheet
59Kb / 1P
   Constant Current AD/DC LED Drivers with Dimming Control
logo
MicroPower Direct, LLC
LD24-XX-XXW MPD-LD24-XX-XXW Datasheet
614Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LD48 MPD-LD48 Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LD48-XX-XXW MPD-LD48-XX-XXW Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LDB24-XXX MPD-LDB24-XXX Datasheet
438Kb / 4P
   Compact, Boost Constant Current DC/DC LED Drivers
LD48-XX-XXX MPD-LD48-XX-XXX Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-XX-XXX MPD-LD24-XX-XXX Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LDM24-XX-XXX MPD-LDM24-XX-XXX Datasheet
607Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com