Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S120T-1FGG144YI Datasheet(PDF) 9 Page - Microsemi Corporation

Part # M2S120T-1FGG144YI
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S120T-1FGG144YI Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button M2S120T-1FGG144YI Datasheet HTML 5Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 6Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 7Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 8Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 9Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 10Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 11Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 12Page - Microsemi Corporation M2S120T-1FGG144YI Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
R e visio n 0
1 -1
1 – SmartFusion2 Device Family Overview
Microsemi’s SmartFusion2 SoC FPGAs integrate fourth generation flash-based FPGA fabric, an ARM
Cortex-M3 processor and high performance communications interfaces on a single chip. The
SmartFusion2 family is the industry’s lowest power, highest reliability and most secure programmable
logic solution. This next generation SmartFusion2 architecture offers up to 3.6X gate count implemented
with 4-input look-up table (LUT) fabric with carry chains, giving 2X performance, and includes multiple
embedded memory options and math blocks for DSP. The 166 MHz ARM Cortex-M3 processor is
enhanced with ETM and 8 Kbyte instruction cache, and additional peripherals including CAN, Gigabit
Ethernet, and high speed USB. High speed serial interfaces enable PCIe, XAUI / XGXS + Native
SERDES communication while DDR2/DDR3 memory controllers provide high speed memory interfaces.
SmartFusion2 Chip Layout
MSS DDR
East IOs
4 PLLs
4 PLLs
West IOs
3 PLLs
Column
Access
FPGA
Fabric
SERDES
uSRAM
(1 Kb)
Math
Blocks
LSRAM
(18 Kb)
SERDES
eNVM
Oscillators
HVBias
MSS
Crystal
Fabric DDR


Similar Part No. - M2S120T-1FGG144YI

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
M2S120-3XX ROSENBERGER-M2S120-3XX Datasheet
799Kb / 2P
   POWERSYSTEM CLIP 12V
More results

Similar Description - M2S120T-1FGG144YI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com