Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0760-D Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA0760-D
Description  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0760-D Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button ENA0760-D Datasheet HTML 2Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 3Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 4Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 5Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 6Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 7Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 8Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 9Page - Sanyo Semicon Device ENA0760-D Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK681-300
No. A0760-6/10
(6) Sample Timing Diagram
(7) Smoke Emission Precautions: There is a possibility of smoke emission if the hybrid IC is subjected to physical or
electrical damage as the result of being used without compliance with the specifications.
I/O Functions of Each Pin
Pin Name
Pin No.
Function
IN1
12
Input pin for turning TR1 and F1 ON and OFF
At high level, TR1: ON and F1: OFF; at low level TR1: OFF and F1: ON
IN2
13
Input pin for turning TR2 and F2 ON and OFF
At high level, TR2: ON and F2: OFF; at low level, TR2: OFF and F2: ON
INH
14
Pin for turning TR1 and TR2 OFF; At high level TR1 and TR2: OFF
This pin is usually low or open.
OUT1
8
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
OUT2
6
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
Vref1a
Vref1b
16
18
This pin is used for current setting for constant-current operation performed with the Vrefa and Vrefb pins
connected
A voltage of 0.29V at Tc=25
°C results for Vref1.
0.29V is set by connecting 82k
Ω and 5.1kΩ in series.
Current detection resistance is Rs=0.10
Ω. Set using IO peak=Vref1÷Rs.
Vref2
17
Be sure to usually leave this pin open.
The overheating control circuit can be made to stop operating by connecting this pin to the GND or S.P pin.
S.P
2
Vref1 voltage can be lowered by connecting a resistor between the Vref1 and S.P pins.
RSO
3
This pin is used to monitor the voltage across the current sensing resistor, Rs. Must be connected to the RSI
pin.
RSI
19
This pin is connected to the RSO pin and serves as an input to the circuit that compares the input with Vref1.
Forward
rotation
Brake
Reverse
rotation
IN1
IN2
INH
Stop 1
Stop 2
Stop 1
IN1
IN2
INH
Stop 1
Stop 1
Stop 2
Forward
rotation
Forward
rotation
Forward
rotation
Brake
Brake
Brake
Reverse
rotation
Reverse
rotation
Reverse
rotation


Similar Part No. - ENA0760-D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0761-D SANYO-ENA0761-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
More results

Similar Description - ENA0760-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com