Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA1000PCBA-410 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFHA1000PCBA-410
Description  50MHz TO 1000MHz, 15W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1000PCBA-410 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFHA1000PCBA-410 Datasheet HTML 3Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 4Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 5Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 6Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 7Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 8Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 9Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 10Page - RF Micro Devices RFHA1000PCBA-410 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RFHA1000
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
(All dimensions in mm.)
A123 : Trace Code
1234 : Serial Number
Package Style: Ceramic SO8
Pin Names and Descriptions
Pin
Name
Description
1VGS
Gate DC Bias pin
2RF IN
RF Input
3RF IN
RF Input
4N/C
No Connect
5N/C
No Connect
6RF OUT/VDS RF Output / Drain DC Bias pin
7RF OUT/VDS RF Output / Drain DC Bias pin
8N/C
No Connect
Pkg
Base
GND
Ground


Similar Part No. - RFHA1000PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003PCBA-410 RFMD-RFHA1003PCBA-410 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003S2 RFMD-RFHA1003S2 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SB RFMD-RFHA1003SB Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SQ RFMD-RFHA1003SQ Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
More results

Similar Description - RFHA1000PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
   50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com