Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXG1090TN Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXG1090TN
Description  High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXG1090TN Datasheet(HTML) 1 Page - Sony Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CXG1090TN
High Power 2
× 4 Antenna Switch MMIC with Integrated Control Logic
Description
The CXG1090TN is a high power antenna switch
MMIC. The CXG1090TN is suited to connect Tx/Rx
to one of 4 antennas in cellular handset such as PDC.
The CXG1090TN has the integrated control logic
and can be operated with CMOS input.
This IC is designed using the Sony's GaAs J-FET
process which enable the CXG1090TN to be operated
with low voltage.
Features
• Low insertion loss: 0.30dB (Typ.)@900MHz, 0.40dB (Typ.)@1.5GHz
• Small package: TSSOP-16pin
• High power handling: PldB: 37dBm
• CMOS compatible input control
• Low bias voltage: VDD = 3.0V
Applications
2
× 4 antenna switch for digital cellular telephones such as PDC handsets.
Structure
GaAs J-FET MMIC
Absolute Maximum Ratings
• Bias voltage
VDD
7
V @Ta = 25°C
• Control voltage
Vctl
5
V @Ta = 25°C
• Operating temperature Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.
– 1 –
E99747A9Z-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
16 pin TSSOP (Plastic)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn