Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXG1090TN Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXG1090TN
Description  High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXG1090TN Datasheet(HTML) 4 Page - Sony Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
– 4 –
CXG1090TN
Electrical Characteristics
(Vctl (L) = 0V, Vctl (H) = 3V, Ta = 25°C)
Parameter
Frequency
Condition
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
VDD = 3.0V
VDD = 2.8V
17
17
17
17
27
20
0.32
0.30
0.55
0.55
0.5
0.5
19
21
21
19
34
25
–67
–67
–75
–75
–67
–67
–67
–67
85
0.45
0.4
1.0
0.55
0.55
0.85
0.85
0.8
0.8
1.4
–57
–55
–65
–62
–60
–57
–60
–57
150
1
0.9
5.0
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
µA
mA
mA
µs
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
Each ON
Port
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
Insertion loss
Isolation
VSWR
ACP (±50kHz)
ACP (±100kHz)
2nd harmonics
3nd harmonics
Control current
Bias current
Switching speed
889 to 960MHz
889 to 960MHz
810 to 885MHz
810 to 885MHz
810 to 885MHz
810 to 885MHz
889 to 960MHz
889 to 960MHz
810 to 885MHz
810 to 885MHz
810 to 885MHz
810 to 885MHz
810 to 960MHz
889 to 960MHz
889 to 960MHz
889 to 960MHz
889 to 960MHz
Min.
Typ.
Max.
Unit
1 Input Signal: ACP (±50kHz) < –65dBc, APC (±100kHz) < –75dBc,
2nd harmonics < –65dBc, 3rd harmonics < –65dBc


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn