Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9622 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9622 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9622_12 Datasheet HTML 1Page - NXP Semiconductors PCA9622_12 Datasheet HTML 2Page - NXP Semiconductors PCA9622_12 Datasheet HTML 3Page - NXP Semiconductors PCA9622_12 Datasheet HTML 4Page - NXP Semiconductors PCA9622_12 Datasheet HTML 5Page - NXP Semiconductors PCA9622_12 Datasheet HTML 6Page - NXP Semiconductors PCA9622_12 Datasheet HTML 7Page - NXP Semiconductors PCA9622_12 Datasheet HTML 8Page - NXP Semiconductors PCA9622_12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 September 2012
3 of 39
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
3.
Applications
RGB or RGBA LED drivers
LED status information
LED displays
LCD backlights
Keypad backlights for cellular phones or handheld devices
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9622DR
PCA9622DR
TSSOP32
plastic thin shrink small outline package; 32 leads;
body width 6.1 mm; lead pitch 0.65 mm
SOT487-1
Remark: Only one LED output shown for clarity.
Fig 1.
Block diagram of PCA9622
A0 A1 A2 A3 A4 A5 A6
002aad528
I2C-BUS
CONTROL
INPUT FILTER
PCA9622
POWER-ON
RESET
SCL
SDA
VDD
VSS
LED
STATE
SELECT
REGISTER
PWM
REGISTER X
BRIGHTNESS
CONTROL
GRPFREQ
REGISTER
GRPPWM
REGISTER
MUX/
CONTROL
OE
'0' – permanently OFF
'1' – permanently ON
LEDn
190 Hz
24.3 kHz
97 kHz
25 MHz
OSCILLATOR
FET
DRIVER


Similar Part No. - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622BS NXP-PCA9622BS Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622DR NXP-PCA9622DR Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
More results

Similar Description - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com