Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S080S-1VF144YES Datasheet(PDF) 11 Page - Microsemi Corporation

Part # M2S080S-1VF144YES
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S080S-1VF144YES Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button M2S080S-1VF144YES Datasheet HTML 7Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 8Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 9Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 10Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 11Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 12Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 13Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 14Page - Microsemi Corporation M2S080S-1VF144YES Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
R e visio n 0
1 -3
Data Security
Data security is protecting the information the FPGA is storing, processing, or communicating in its role in
the end application. If, for example, the configured design is implementing the key management and
encryption portion of a secure military radio, data security could entail encrypting and authenticating the
radio traffic, and protecting the associated application-level cryptographic keys. Data security is closely
related to the terms information assurance (IA) and information security.
All SmartFusion2 devices incorporate enhanced design security, making them the most secure
programmable logic devices ever made. Select SmartFusion2 models also include an advanced set of
on-chip data security features that make designing secure information assurance applications easier and
better than ever before.
The following are the main data security features supported:
Non-deterministic random bit generator (NRBG) service
User Cryptographic services (e.g., AES-128/-256, SHA-256, and HMAC)
Hardware firewalls protecting MSS memories
Cryptography Research Inc. (CRI) pass-through Differential Power Analysis (DPA) Patent
Portfolio license
The M2S080 and M2S120 also have the following features:
– Elliptic Curve Cryptography (ECC) cryptographic computation services
– User PUF key enrollment and regeneration for advanced design and data security
applications
Low Power
Microsemi’s flash-based FPGA fabric results in extremely low power design implementation with static
power on the M2S050 device as low as 10 mW. Flash*Freeze (F*F) technology provides an ultra-low
power static mode (Flash*Freeze mode) for SmartFusion2 devices, with power less than 1 mW. F*F
mode entry retains all the SRAM and register information and the exit from F*F mode achieves rapid
recovery to active mode.
High Performance FPGA Fabric
Built on 65 nm process technology, the SmartFusion2 FPGA fabric is composed of 4 building blocks: the
logic module, the large SRAM, the micro SRAM and the Math block. The logic module is the basic logic
element and has advanced features:
A fully permutable 4-input LUT (look-up table) optimized for lowest power
A dedicated carry chain based on carry look-ahead technique
A separate flip-flop which can be used independently from the LUT
The 4-input look-up table can be configured either to implement any 4-input combinatorial function or to
implement an arithmetic function where the LUT output is XORed with carry input to generate the sum
output.
Dual-Port Large SRAM (LSRAM)
Large SRAM (RAM1Kx18) is targeted for storing large memory for use with various operations. Each
LSRAM block can store up to 18,432 bits. Each RAM1Kx18 block contains two independent data ports:
Port A and Port B. The LSRAM is synchronous for both Read and Write operations. Operations are
triggered on the rising edge of the clock. The data output ports of the LSRAM have pipeline registers
which have control signals that are independent of the SRAM’s control signals.
Three-Port Micro SRAM (uSRAM)
Micro SRAM (RAM64x18) is the second type of SRAM which is embedded in the fabric of SmartFusion2
devices. RAM64x18 uSRAM is a 3-port SRAM; it has two read ports (Port A and Port B) and one write


Similar Part No. - M2S080S-1VF144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S010 MICROSEMI-M2S010 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S025 MICROSEMI-M2S025 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S050 MICROSEMI-M2S050 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S090 MICROSEMI-M2S090 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S080S-1VF144YES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com