Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1077TN Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG1077TN
Description  SP4T Antenna Switch for GSM Dual band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1077TN Datasheet(HTML) 4 Page - Sony Corporation

  CXG1077TN Datasheet HTML 1Page - Sony Corporation CXG1077TN Datasheet HTML 2Page - Sony Corporation CXG1077TN Datasheet HTML 3Page - Sony Corporation CXG1077TN Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
0.22 – 0.07
0.5
5
1.2MAX
∗2.8 ± 0.1
10
6
0.1 – 0.05
+ 0.15
0° to 10°
1
A
(0.2)
0.22 – 0.07
+ 0.08
DETAIL A
0.02g
TSSOP-10P-L01
10PIN TSSOP(PLASTIC)
0.1
0.1
M
NOTE: Dimension “
∗” does not include mold protrusion.
0.25
+ 0.08
Package Outline
Unit : mm
CXG1077TN
—4—


Similar Part No. - CXG1077TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1006N SONY-CXG1006N Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
CXG1008 SONY-CXG1008 Datasheet
92Kb / 7P
   High Isolation SPDT Switch
CXG1008N SONY-CXG1008N Datasheet
92Kb / 7P
   High Isolation SPDT Switch
CXG1009TN SONY-CXG1009TN Datasheet
54Kb / 4P
   High Isolation SPDT Switch
More results

Similar Description - CXG1077TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
   SP4T High Power 2.5V GSM Antenna Switch
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
   Dual-band GSM Embedded Antenna
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com