Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S080T-1FG144YES Datasheet(PDF) 10 Page - Microsemi Corporation

Part # M2S080T-1FG144YES
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S080T-1FG144YES Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button M2S080T-1FG144YES Datasheet HTML 6Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 7Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 8Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 9Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 10Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 11Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 12Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 13Page - Microsemi Corporation M2S080T-1FG144YES Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
SmartFusion2 Device Family Overview
1- 2
R e v ision 0
Reliability
SmartFusion2 flash-based fabric has zero FIT configuration rate due to its single event upset (SEU)
immunity, which is critical in reliability applications. The flash fabric also has the advantage that no
external configuration memory is required, making the device instant-on; it retains configuration when
powered off. To complement this unique FPGA capability, SmartFusion2 adds reliability to many other
aspects of the device. Single Error Correct Double Error Detect (SECDED) protection is implemented on
the Cortex-M3 embedded scratch pad memory, Ethernet, CAN and USB buffers, and is optional on the
DDR memory controllers. This means that if a one-bit error is detected, it will be corrected. Errors of
more than one bit are detected only and not corrected.
SECDED error signals are brought to the FPGA
fabric to allow the user to monitor the status of these protected internal memories. Other areas of the
architecture are implemented with latches, which are not subject to SEUs. Therefore, no correction is
needed in these locations: DDR Bridges (MSS, MDDR, FDDR), Instruction Cache and MMUART, SPI,
and PCIe FIFOs.
Highest Security Devices
Building further on the intrinsic security benefits of flash nonvolatile memory technology, the
SmartFusion2 family incorporates essentially all the legacy security features that made the original
SmartFusion, Fusion®, IGLOO®, and ProASIC®3 third-generation flash FPGAs and cSoCs the gold
standard for secure devices in the PLD industry. In addition, the fourth-generation flash-based
SmartFusion2 SoC FPGAs add many unique design and data security features and use models new to
the PLD industry.
Design Security vs. Data Security
When classifying security attributes of programmable logic devices (PLDs), a useful distinction is made
between design security and data security.
Design Security
Design security is protecting the intent of the owner of the design, such as keeping the design and
associated bitstream keys confidential, preventing design changes (insertion of Trojan Horses, for
example), and controlling the number of copies made throughout the device life cycle. Design security
may also be known as intellectual property (IP) protection. It is one aspect of anti-tamper (AT) protection.
Design security applies to the device from initial production, includes any updates such as in-the-field
upgrades, and can include decommissioning of the device at the end of its life, if desired. Good design
security is a prerequisite for good data security.
The following are the main design security features supported:
User key and bitstream loading in less-trusted locations
– Encrypted key loading using device-unique built-in factory key
Methods to verify devices are programmed correctly, even if done in less-trusted locations
Supply-chain assurances to eliminate counterfeiting
Differential power analysis (DPA) and enhanced anti-tamper features to address non-invasive,
semi-invasive, and invasive attacks
Ability to zeroize (destroy) all sensitive stored data in the event of tampering
The M2S080 and M2S120 also have the following features:
– Elliptic Curve Cryptography (ECC) for securely loading user keys
– An SRAM-type Physically Unclonable Function (SRAM-PUF) for device authentication


Similar Part No. - M2S080T-1FG144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S010 MICROSEMI-M2S010 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S025 MICROSEMI-M2S025 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S050 MICROSEMI-M2S050 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S090 MICROSEMI-M2S090 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S080T-1FG144YES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com