Electronic Components Datasheet Search |
|
M2S080-FG144YES Datasheet(PDF) 1 Page - Microsemi Corporation |
|
M2S080-FG144YES Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 156 page October 2012 I © 2012 Microsemi Corporation SmartFusion2 System-on-Chip FPGAs Microsemi’s SmartFusion®2 SoC FPGAs integrate fourth generation flash-based FPGA fabric, an ARM® Cortex™-M3 processor, and high performance communications interfaces on a single chip. The SmartFusion2 family is the industry’s lowest power, most reliable and highest security programmable logic solution. This next generation SmartFusion2 architecture offers up to 3.6X gate count implemented with 4-input look-up table (LUT) fabric with carry chains, giving 2X performance, and includes multiple embedded memory options and math blocks for digital signal processing (DSP). The 166 MHz ARM Cortex-M3 processor is enhanced with an embedded trace macrocell (ETM), memory protection unit (MPU), 8 Kbyte instruction cache, and additional peripherals including controller area network (CAN), Gigabit Ethernet, and high speed universal serial bus (USB). High speed serial interfaces include peripheral component interconnect express (PCIe), 10 Gbps attachment unit interface (XAUI) / XGMII extended sublayer (XGXS) + native serialization/deserialization (SERDES) communication, while double data rate 2 (DDR2)/DDR3 memory controllers provide high speed memory interfaces. SmartFusion2 Family Reliability • Single Event Upset (SEU) Immune – Zero FIT FPGA Configuration Cells • Single Error Correct Double Error Detect (SECDED) Protection on the Following: – Ethernet Buffers – CAN Message Buffers – Cortex-M3 Embedded Scratch Pad Memory (eSRAMs) – USB Buffers –PCIe Buffer – DDR Memory Controllers with Optional SECDED Modes • Buffers Implemented with SEU Resistant Latches on the Following: – DDR Bridges (MSS, MDDR, FDDR) – Instruction Cache – MMUART FIFOs – SPI FIFOs • NVM Integrity Check at Power-Up and On-Demand • No External Configuration Memory Required—Instant- On, Retains Configuration When Powered Off Security • Design Security Features (available on all devices) – Intellectual Property (IP) Protection via Unique Security Features and Use Models New to the PLD Industry – Encrypted User Key and Bitstream Loading, Enabling Programming in Less-Trusted Locations – Supply-Chain Assurance Device Certificate – Enhanced Anti-Tamper Features – Zeroization • Data Security Features (available on premium devices) – Non-Deterministic Random Bit Generator (NRBG) – User Cryptographic Services (AES-256, SHA-256, Elliptical Curve Cryptographic (ECC) Engine) – User Physically Unclonable Function (PUF) Key Enrollment and Regeneration – CRI Pass-Through DPA Patent Portfolio License – Hardware Firewalls Protecting Microcontroller Subsystem (MSS) Memories Low Power • Low Static and Dynamic Power – Flash*Freeze Mode for Fabric • For the M2S050 Device: – < 1 mW in Flash*Freeze Mode – 10 mW in Standby Mode • Based on 65 nm Nonvolatile Flash Process High-Performance FPGA • Efficient 4-Input LUTs with Carry Chains for High Performance and Low Power • Up to 236 Blocks of Dual-Port 18 Kbit SRAM (Large SRAM) with 400 MHz Synchronous Performance (x18, x9, x4, x2, x1) • Up to 240 Blocks of Three-Port 1 Kbit SRAM with 2 Read Ports and 1 Write Port (micro SRAM) • High Performance DSP Signal Processing – Up to 240 Fast Math Blocks with 18 x 18 Signed Multiplication, 17 x 17 Unsigned Multiplication and 44-Bit Accumulator Revision 0 |
Similar Part No. - M2S080-FG144YES |
|
Similar Description - M2S080-FG144YES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |